Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9288/PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9288/PCB
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288/PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9288/PCB Datasheet HTML 4Page - Analog Devices AD9288/PCB Datasheet HTML 5Page - Analog Devices AD9288/PCB Datasheet HTML 6Page - Analog Devices AD9288/PCB Datasheet HTML 7Page - Analog Devices AD9288/PCB Datasheet HTML 8Page - Analog Devices AD9288/PCB Datasheet HTML 9Page - Analog Devices AD9288/PCB Datasheet HTML 10Page - Analog Devices AD9288/PCB Datasheet HTML 11Page - Analog Devices AD9288/PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
AD9288
–8–
MSPS
49.00
48.00
47.00
46.00
45.00
30
40
50
60
70
80
90
100
110
AIN = 10.3MHz
SINAD
SNR
Figure 10. SINAD/SNR vs. Encode Rate
ENCODE HIGH PULSEWIDTH – ns
50.00
46.00
42.00
38.00
30.00
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
AIN = 10.3MHz
SINAD
34.00
SNR
Figure 11. SINAD/SNR vs. Encode Pulsewidth High
BANDWIDTH – MHz
0.5
0.0
–0.5
–1.0
–2.0
0
100
200
300
400
500
600
–1.5
ENCODE RATE = 100MSPS
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
–5.5
–3dB
Figure 12. ADC Frequency Response: fS = 100 MSPS
MSPS
190
185
180
175
170
10
20
30
40
50
60
70
80
90
AIN = 10.3MHz
165
160
155
150
145
140
100
0
Figure 13. Analog Power Dissipation vs. Encode Rate
TEMPERATURE – C
48.0
47.5
47.0
46.5
46.0
–40
25
85
45.5
45.0
44.5
44.0
43.5
SNR
SINAD
ENCODE RATE = 100MSPS
AIN = 10.3MHz
Figure 14. SINAD/SNR vs. Temperature
TEMPERATURE – C
0.6
0.4
0.2
0
–0.2
–40
25
85
–0.4
–0.6
–0.8
–1.0
ENCODE RATE = 100MSPS
AIN = 10.3MHz
Figure 15. ADC Gain vs. Temperature (with External
+1.25 V Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com