Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9631 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9631
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9631 Datasheet HTML 3Page - Analog Devices AD9631 Datasheet HTML 4Page - Analog Devices AD9631 Datasheet HTML 5Page - Analog Devices AD9631 Datasheet HTML 6Page - Analog Devices AD9631 Datasheet HTML 7Page - Analog Devices AD9631 Datasheet HTML 8Page - Analog Devices AD9631 Datasheet HTML 9Page - Analog Devices AD9631 Datasheet HTML 10Page - Analog Devices AD9631 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD9631/AD9632
REV. A
–7–
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = ±5V
RL = 500Ω
G = +1
2ND HARMONIC
3RD HARMONIC
Figure 21. AD9631 Harmonic Distortion vs. Frequency,
RL = 500 Ω
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = ±5V
RL = 100Ω
G = +1
2ND HARMONIC
3RD HARMONIC
Figure 22. AD9631 Harmonic Distortion vs. Frequency,
RL = 100 Ω
50
30
10
100
25
20
35
40
45
FREQUENCY – MHz
60
55
20
40
80
60
Figure 23. AD9631 Third Order Intercept vs. Frequency
0.10
–0.10
–0.05
0.00
0.05
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
0.05
–0.05
0.00
0.10
–0.10
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
Figure 24. AD9631 Differential Gain and Phase Error,
G = +2, RL = 150 Ω
0.3
–0.3
0
–0.2
0
–0.1
0.2
0.1
80
60
40
20
SETTLING TIME – ns
70
50
30
10
Figure 25. AD9631 Short-Term Settling Time, 2 V Step,
RL = 100 Ω
0.3
–0.2
0.1
–0.1
1
0
0.2
10
9
7
6
5
4
3
2
SETTLING TIME – µs
8
0
Figure 26. AD9631 Long-Term Settling Time, 2 V Step,
RL = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com