Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9631 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9631
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 2 Page - Analog Devices

  AD9631 Datasheet HTML 1Page - Analog Devices AD9631 Datasheet HTML 2Page - Analog Devices AD9631 Datasheet HTML 3Page - Analog Devices AD9631 Datasheet HTML 4Page - Analog Devices AD9631 Datasheet HTML 5Page - Analog Devices AD9631 Datasheet HTML 6Page - Analog Devices AD9631 Datasheet HTML 7Page - Analog Devices AD9631 Datasheet HTML 8Page - Analog Devices AD9631 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
AD9631A
AD9632A
Parameter
Conditions
Min
Typ
Max
Min
Typ Max
Units
DYNAMIC PERFORMANCE
Bandwidth (–3 dB)
Small Signal
VOUT ≤ 0.4 V p-p
220
320
180
250
MHz
Large Signal
1
VOUT = 4 V p-p
150
175
155
180
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 300 mV p-p
9631, RF = 140 Ω; 9632, RF = 425 Ω
130
130
MHz
Slew Rate, Average +/–
VOUT = 4 V Step
1000 1300
1200 1500
V/
µs
Rise/Fall Time
VOUT = 0.5 V Step
1.2
1.4
ns
VOUT = 4 V Step
2.5
2.1
ns
Settling Time
To 0.1%
VOUT = 2 V Step
11
11
ns
To 0.01%
VOUT = 2 V Step
16
16
ns
HARMONIC/NOISE PERFORMANCE
2nd Harmonic Distortion
2 V p-p; 20 MHz, RL = 100 Ω
–64
–57
–54
–47
dBc
RL = 500 Ω
–72
–65
–72
–65
dBc
3rd Harmonic Distortion
2 V p-p; 20 MHz, RL = 100 Ω
–76
–69
–74
–67
dBc
RL = 500 Ω
–81
–74
–81
–74
dBc
3rd Order Intercept
25 MHz
+46
+41
dBm
Noise Figure
RS = 50 Ω
18
14
dB
Input Voltage Noise
1 MHz to 200 MHz
7.0
4.3
nV
√Hz
Input Current Noise
1 MHz to 200 MHz
2.5
2.0
pA
√Hz
Average Equivalent Integrated
Input Noise Voltage
0.1 MHz to 200 MHz
100
60
µV rms
Differential Gain Error (3.58 MHz)
RL = 150 Ω
0.03
0.06
0.02 0.04
%
Differential Phase Error (3.58 MHz)
RL = 150 Ω
0.02
0.04
0.02 0.04
Degree
Phase Nonlinearity
dc to 100 MHz
1.1
1.1
Degree
DC PERFORMANCE
2
, RL = 150 Ω
Input Offset Voltage
3
310
2
5
mV
TMIN–TMAX
13
8
mV
Offset Voltage Drift
±10
±10
µV/°C
Input Bias Current
2
7
2
7
µA
TMIN–TMAX
10
10
µA
Input Offset Current
0.1
3
0.1
3
µA
TMIN–TMAX
55
µA
Common-Mode Rejection Ratio
VCM = ± 2.5 V
70
90
70
90
dB
Open-Loop Gain
VOUT = ± 2.5 V
46
52
46
52
dB
TMIN–TMAX
40
40
dB
INPUT CHARACTERISTICS
Input Resistance
500
500
k
Ω
Input Capacitance
1.2
1.2
pF
Input Common-Mode Voltage Range
±3.4
±3.4
V
OUTPUT CHARACTERISTICS
Output Voltage Range, RL = 150 Ω± 3.2 ± 3.9
±3.2 ±3.9
V
Output Current
70
70
mA
Output Resistance
0.3
0.3
Ω
Short Circuit Current
240
240
mA
POWER SUPPLY
Operating Range
±3.0 ±5.0 ±6.0 ±3.0 ±5.0 ±6.0
V
Quiescent Current
17
18
16
17
mA
TMIN–TMAX
21
20
mA
Power Supply Rejection Ratio
TMIN–TMAX
50
60
56
66
dB
NOTES
1See Max Ratings and Theory of Operation sections of data sheet.
2Measured at A
V = 50.
3Measured with respect to the inverting input.
Specifications subject to change without notice.
(
±V
S =
±5 V; R
LOAD = 100
Ω; A
V = 1 (AD9631); AV = 2 (AD9632), unless otherwise noted)
REV. A
AD9631/AD9632–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com