Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9631 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9631
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 3 Page - Analog Devices

  AD9631 Datasheet HTML 1Page - Analog Devices AD9631 Datasheet HTML 2Page - Analog Devices AD9631 Datasheet HTML 3Page - Analog Devices AD9631 Datasheet HTML 4Page - Analog Devices AD9631 Datasheet HTML 5Page - Analog Devices AD9631 Datasheet HTML 6Page - Analog Devices AD9631 Datasheet HTML 7Page - Analog Devices AD9631 Datasheet HTML 8Page - Analog Devices AD9631 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD9631/AD9632
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Voltage Swing
× Bandwidth Product . . . . . . . . . .550 V × MHz
Internal Power Dissipation
2
Plastic Package (N) . . . . . . . . . . . . . . . . . . . . . . . . 1.3 Watts
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . 0.9 Watts
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±1.2 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range N, R . . . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . – 40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Pin Plastic Package:
θ
JA = 90°C/Watt
8-Pin SOIC Package:
θ
JA = 140°C/Watt
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by these de-
vices is limited by the associated rise in junction temperature.
The maximum safe junction temperature for plastic encapsu-
lated devices is determined by the glass transition temperature
of the plastic, approximately +150
°C. Exceeding this limit tem-
porarily may cause a shift in parametric performance due to a
change in the stresses exerted on the die by the package. Exceed-
ing a junction temperature of +175
°C for an extended period can
result in device failure.
While the AD9631 and AD9632 are internally short circuit pro-
tected, this may not be sufficient to guarantee that the maxi-
mum junction temperature (+150
°C) is not exceeded under all
conditions. To ensure proper operation, it is necessary to ob-
serve the maximum power derating curves.
2.0
0
–50
80
1.5
0.5
–40
1.0
0
10
–10
–20
–30
20
30
40
50
60
70
90
AMBIENT TEMPERATURE –
°C
TJ = +150°C
8-PIN MINI-DIP PACKAGE
8-PIN SOIC PACKAGE
Figure 2. Plot of Maximum Power Dissipation vs.
Temperature
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
METALIZATION PHOTO
Dimensions shown in inches and (mm).
Connect Substrate to –VS.
0.046
(1.17)
3
+IN
4
–VS
6
OUT
–IN
2
+VS
7
AD9631
0.050 (1.27)
0.046
(1.17)
0.050 (1.27)
3
+IN
4
–VS
6
OUT
–IN
2
+VS
7
AD9632
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description Option*
AD9631AN
–40C to +85
°C
Plastic DIP
N-8
AD9631AR
–40
°C to +85°C
SOIC
R-8
AD9631(SMD)
–55
°C to +125°C Cerdip
Q-8
AD9631-EB
Evaluation
Board
AD9632AN
–40
°C to +85°C
Plastic DIP
N-8
AD9632AR
–40
°C to +85°C
SOIC
R-8
AD9632-EB
Evaluation
Board
*N = Plastic DIP; Q = Cerdip; R= SOIC (Small Outline Integrated Circuit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com