Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9701 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9701
Description  250 MSPS Video Digital-to-Analog Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9701 Datasheet(HTML) 3 Page - Analog Devices

  AD9701 Datasheet HTML 1Page - Analog Devices AD9701 Datasheet HTML 2Page - Analog Devices AD9701 Datasheet HTML 3Page - Analog Devices AD9701 Datasheet HTML 4Page - Analog Devices AD9701 Datasheet HTML 5Page - Analog Devices AD9701 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
–3–
REV. A
AD9701
AD9701
AD9701BQ
AD9701SQ/SE
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
13
Supply Current (–5.2 V)
+25
°C
140
160
140
160
mA
Full
160
160
mA
Nominal Power Dissipation
+25
°C
728
728
mW
Power Supply Rejection Ratio
14
Full
3
6
3
6
mV/V
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and beyond which serviceability of the circuit may be impaired. Functional operability under
any of these conditions is not necessarily implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
2Typical thermal impedance . . .
22-Pin Ceramic
θ
JA = 64°C/W; θJC = 16°C/W
28-Pin Ceramic LCC
θ
JA = 70°C/W θJC = 21°C/W
3SYNC, BLANKING, and REFERENCE WHITE are inactive (Logic “1”). I
SET ≈ 1.26 V/RSET.
4All bits at logic HIGH.
5All values are relative to full-scale output after being normalized to nominal value. Typical variation in full-scale output from device to device can reach
± 10%, for a
fixed RSET resistor.
6The effect of 10% BRIGHT algebraically adds to the output waveform.
7The output level with BLANKING active (Logic “0”) is determined by the setup control level.
8In normal operation, the BLANKING input is activated (Logic “0”) prior to or in conjunction with the SYNC input. The effect of the SYNC output is relative to the
setup level.
9Measured from edge of STROBE to 50% transition point of the output signal.
10Measured with full-scale change in output level, from the 10% transition level to within
±0.2% of the final output value.
11Measured from 10% to 90% transition point for full-scale step output.
12An IRE unit is 1% of the Grey Scale (GS range) with a 0 IRE setup level.
13Supply Voltage should remain stable within
±5% for normal operation.
14Measured at
±5% of –V
S.
Specifications subject to change without notice.
DIGITAL INPUTS VS. ANALOG OUTPUT
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
10%
Ref.
Comp.
Analog
1
2345678
Bright
White
Blanking
Sync
Output (mV)
1
1111111
0
1
1
1
0
1
1111111
1
1
1
1
–71
1
0000000
0
1
1
1
–320
0
0000000
0
1
1
1
–637.5
0
0000000
1
1
1
1
–708.5
X
XXXXXXX
0
0
1
1
0
X
XXXXXXX
1
0
1
1
–71
X
XXXXXXX
0
1
0
1
–637.501
X
XXXXXXX
0
1
0
1
–690.75
2
X
XXXXXXX
0
1
0
1
–708.503
X
XXXXXXX
0
1
0
1
–779.50
4
X
XXXXXXX
0
1
0
0
–922.50
1
X
XXXXXXX
0
1
0
0
–975.75
2
X
XXXXXXX
0
1
0
0
–993.50
3
X
XXXXXXX
0
1
0
0
–1064.50
4
X
XXXXXXX
1
1
0
0
–993.50
1
X
XXXXXXX
1
1
0
0
–1046.75
2
X
XXXXXXX
1
1
0
0
–1064.50
3
X
XXXXXXX
1
1
0
0
–1135.504
NOTES
1Setup (Pin 21) grounded (0 IRE units).
2Setup (Pin 21) open (7.5 IRE units).
3Setup (Pin 21) to –5.2 V through 1 k (0 IRE units).
4Setup (Pin 21) to –5.2 V (20 IRE units).
ORDERING GUIDE
Temperature
Package
Device
Range
Description
Option*
AD9701BQ
–25
°C to +85°C
22-Pin DIP, Industrial Temperature
Q-22
AD9701SE
–55
°C to +125°C
28-Pin LCC, Extended Temperature
E-28A
AD9701SQ
–55
°C to +125°C
22-Pin DIP, Extended Temperature
Q-22
*E = Leadless Ceramic Chip Carrier; Q = Cerdip.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com