Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9701 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9701
Description  250 MSPS Video Digital-to-Analog Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9701 Datasheet(HTML) 1 Page - Analog Devices

  AD9701 Datasheet HTML 1Page - Analog Devices AD9701 Datasheet HTML 2Page - Analog Devices AD9701 Datasheet HTML 3Page - Analog Devices AD9701 Datasheet HTML 4Page - Analog Devices AD9701 Datasheet HTML 5Page - Analog Devices AD9701 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
250 MSPS Video
Digital-to-Analog Converter
AD9701
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD9701 is a high speed, 8-bit digital-to-analog converter
with fully integrated composite video functions. High speed
ECL input registers provide synchronous operation of data and
control functions up to 250 MSPS.
The AD9701 incorporates onboard control functions including
horizontal sync, blanking, reference white level and a 10%
bright signal for highlighting. The setup level is also adjustable
from 0 IRE units to 20 IRE units through the control pin. An
internal voltage reference allows the AD9701 to operate as a
stand-alone video reconstruction DAC.
The AD9701 is available as an industrial temperature range
device, –25
°C to +85°C, and as an extended temperature range
device, –55
°C to +125°C. Both grades of the AD9701 are pack-
aged in a 22-pin ceramic DIP with the extended temperature
device also available in a 28-pin LCC package.
PIN CONFIGURATIONS
FEATURES
250 MSPS Update Rate
Low Glitch Impulse
Complete Composite Functions
Internal Voltage Reference
Single –5.2 V Supply
APPLICATIONS
Raster Scan Displays
Color Graphics
Automated Test Equipment
TV Video Reconstruction
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996


Similar Part No. - AD9701

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9701 AD-AD9701_15 Datasheet
130Kb / 6P
250 MSPS Video Digital-to-Analog Converter
REV. A
More results

Similar Description - AD9701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AD55444 TI-AD55444 Datasheet
770Kb / 25P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9683 AD-AD9683 Datasheet
1Mb / 44P
14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9701 AD-AD9701_15 Datasheet
130Kb / 6P
250 MSPS Video Digital-to-Analog Converter
REV. A
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com