Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9701 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9701
Description  250 MSPS Video Digital-to-Analog Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9701 Datasheet(HTML) 4 Page - Analog Devices

  AD9701 Datasheet HTML 1Page - Analog Devices AD9701 Datasheet HTML 2Page - Analog Devices AD9701 Datasheet HTML 3Page - Analog Devices AD9701 Datasheet HTML 4Page - Analog Devices AD9701 Datasheet HTML 5Page - Analog Devices AD9701 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD9701
–4–
REV. A
FUNCTIONAL DESCRIPTION
Pin Name
Description
GROUND
One of three ground returns. All grounds should be connected together near the AD9701.
–VS
Negative supply pin, nominally –5.2 V.
BIT 1 (MSB)
One of eight digital input bits. BIT 1 (MSB) is the most-significant-bit of the digital input word.
BIT 2–BIT 7
One of eight digital input bits.
BIT 8 (LSB)
One of eight digital input bits. BIT 8 (LSB) is the least-significant-bit of the digital input word.
STROBE
Data and control register strobe input. STROBE is leading edge triggered.
GROUND
One of three ground returns. All grounds should be connected together near the AD9701.
SETUP
The SETUP input determines the position of the blanking level relative to the “reference black”
level (all data bits at logic “0”). The setup level is adjustable from 0 IRE units to 20 IRE units be-
low the reference black level (an IRE unit is 1% of the “grey scale” range).
SETUP LEVEL
CONFIGURATION (PIN 21)
0 IRE Units
Ground
7.5 IRE Units
Open
10 IRE Units
Connection to –5.2 V through 1 k
Ω
20 IRE Units
Connection to –5.2 V
10% BRIGHT
10% BRIGHT adds an additional current to the output level, equal to roughly 10% of the “grey
scale” range. The
10% BRIGHT is active logic LOW and operates independently of all other inputs.
COMPOSITE BLANKING
The
COMPOSITE BLANKING input, active logic LOW, forces output to the blanking level set
with the SETUP input.
COMPOSITE SYNC
The
COMPOSITE SYNC input, active LOW, creates a negative going horizontal synchronization
pulse relative to the blanking level. Under normal operating conditions, the
COMPOSITE
BLANKING signal should precede and extend past the COMPOSITE SYNC signal. See SETUP
for additional information.
REFERENCE WHITE
The
REFERENCE WHITE input, active LOW, overrides the data inputs and forces the output to
the maximum “grey scale” level.
COMPENSATION
The COMPENSATION input insures adequate gain stability for the internal reference amplifier.
Under normal operating conditions, the COMPENSATION input is decoupled to ground through
a 0.1
µF capacitor.
CURRENT SET
The CURRENT SET input determines the full-scale or “grey scale” range. The effects of the video
control functions are in addition to the “grey scale” range. (168
Ω ≤ R
SET ≤ 600 Ω).
IOUTmax
≈ 4 I
SET = 4(1.26 V/RSET)
OUTPUT
Analog output.
GROUND
One of three ground returns. All grounds should be connected together near the AD9701.
SYSTEM TIMING DIAGRAMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com