Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773AST Datasheet(PDF) 11 Page - Analog Devices

Part # AD9773AST
Description  12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773AST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9773AST Datasheet HTML 7Page - Analog Devices AD9773AST Datasheet HTML 8Page - Analog Devices AD9773AST Datasheet HTML 9Page - Analog Devices AD9773AST Datasheet HTML 10Page - Analog Devices AD9773AST Datasheet HTML 11Page - Analog Devices AD9773AST Datasheet HTML 12Page - Analog Devices AD9773AST Datasheet HTML 13Page - Analog Devices AD9773AST Datasheet HTML 14Page - Analog Devices AD9773AST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AD9773
11
PRELIMINARY TECHNICAL DATA
Register Description
Address 00h Bit 7
Logic 0 (default), causes the SDIO pin to act as an input during the data transfer (phase 2) of
the communications cycle. When set to a 1, SDIO can act as an input or output, depending on
bit 7 of the instruction byte.
Bit 6
Logic 0 (default). Determines the direction (LSB/MSB first) of the communications and data
transfer communications cycles. Refer to the section MSB/LSB Transfers on page 9 for a
detailed description.
Bit 5
Writing a one to this bit resets the registers to their default values and restarts the chip. The
RESET bit always reads back 0. Register address 0h bits are not cleared by this software reset.
However, a high level at the RESET pin forces all registers, including those in address 0h, to
their default state.
Bit 4
A logic 1 to this bit shuts down the DAC output currents.
Bit 3
Powerdown. Logic 1 shuts down all analog and digital functions.
Bit 2
1R/2R Mode. The default (0) places the AD9773 in 2 resistor mode. In this mode, the I
REF
currents for the I and the Q DAC references are set separately by FSADJ1 and FSADJ2 on
pins 60 and 59. In this case, I
REF1 = 32*VREF/FSADJ1 and IREF2 = 32*VREF/FSADJ2. With this
bit set to 1, the reference currents for both I and Q DACs are controlled by a single resistor on
pin 60. I
REF in one resistor mode for both the I and Q DACs = 16*VREF/FSADJ1
Bit 1
PLL_LOCK indicator. When the PLL is enabled, reading this bit will give the status of the
PLL. A logic 1 indicates the PLL is locked. A logic 0 indicates an unlocked state.
Address 01h Bit 7,6
Filter interpolation rate according to the following table:
00
1
×
01
2
×
10
4
×
11
8
×
Bit 5,4
Modulation mode according to the following table:
00
none
01
fs/2
10
fs/4
11
fs/8
Address 01h Bit 3
Logic 1 enables zero stuffing mode for interpolation filters
Bit 2
Default(1) enables the real mix mode. The I and Q data channels are individually modulated
by Fs/2,Fs/4 or Fs/8 after the interpolation filters. However, no complex modulation is done.
In the complex mix mode (logic 0), the digital modulators on the I and Q data channels are
coupled to create a digital complex modulator.When the AD9773 is applied in conjunction
with an external quadrature modulator, rejection can be achieved of either the higher or lower
frequency image around the 2nd IF frequency (i.e., the 2nd IF frequency is the LO of
the analog quadrature modulator external to the AD9773) according to the bit value of
register 01h, bit 1.
Bit 1
Logic 0(default) causes the complex modulation to be of the form e-jwt, resulting in the
rejection of the higher frequency image when the AD9773 is used with an external quadrature
modulator.A logic 1 causes the modulation to be of the form e+jwt, which causes rejection of
the lower frequency image
Address 02h Bit 7
Logic 0 (default) causes data to be accepted on the inputs as 2’s complement binary. Logic 1
causes data to be accepted as straight binary.
Bit 6
Logic 0 (default) places the AD9773 in two port mode. I and Q data enters the AD9773 via
ports one and two, respectively. A logic 1 places the AD9773 in one port mode in which
interleaved I and Q data is applied to port one. See pin function descriptions for DATACLK/
PLL_LOCK, IQSEL and ONEPORTCLK for detailed information on how to use these
modes.
Bit 5
DATACLK driver strength. With the internal PLL disabled, and this bit set to logic 0, it is
recommended that DATACLK be buffered. When this bit is set to logic 1, DATACLK acts as
a stronger driver capable of driving small capacitive loads.
Bit 3
External dataclock. With the PLL disabled, pin 8 (DATACLK/PLL_LOCK) becomes a data
clock which must run at the same rate as the input data.If this bit is set to a 0 (default), pin 8 is
an output and theAD9773 creates this clock. If this bit is a logic 1, pin 8 is an input and an
external data clock must be applied and sychronized with the higher rate clock driving CLK+
and CLK-.
REV. PrA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com