Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773AST Datasheet(PDF) 14 Page - Analog Devices

Part # AD9773AST
Description  12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773AST Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9773AST Datasheet HTML 10Page - Analog Devices AD9773AST Datasheet HTML 11Page - Analog Devices AD9773AST Datasheet HTML 12Page - Analog Devices AD9773AST Datasheet HTML 13Page - Analog Devices AD9773AST Datasheet HTML 14Page - Analog Devices AD9773AST Datasheet HTML 15Page - Analog Devices AD9773AST Datasheet HTML 16Page - Analog Devices AD9773AST Datasheet HTML 17Page - Analog Devices AD9773AST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AD9773
14
PRELIMINARY TECHNICAL DATA
format. That is, if the AD9773 is in LSB first mode, the
instruction byte must be written from least significant bit
to most significant bit. Multibyte data transfers in MSB
format can be completed by writing an instruction byte
that includes the register address of the most significant
byte. In MSB first mode, the serial port internal byte
address generator decrements for each byte required of
the multibyte communication cycle. Multibyte data trans-
fers in LSB first format can be completed by writing an
instruction byte that includes the register address of the
least significant byte. In LSB first mode, the serial port
internal byte address generator increments for each byte
required of the multibyte communication cycle.
The AD9773 serial port controller address will incre-
ment from 1Fh to 00h for multibyte I/O operations if the
MSB first mode is active. The serial port controller
address will decrement from 00h to 1Fh for multibyte I/
O operations if the LSB first mode is active.
Notes on Serial Port Operation
The AD9773 serial port configuration bits reside in bits
6 and 7 of register address 00h. It is important to note that
the configuration changes immediately upon writing to the
last bit of the register. For multibyte transfers, writing to
this register may occur during the middle of communi-
cation cycle. Care must be taken to compensate for this
new configuration for the remaining bytes of the current
communication cycle.
The same considerations apply to setting the reset bit in
register address 00h. All other registers are set to their
default values but the software reset doesn’t affect the bits
in register address 00h.
It is recommended to use only single byte transfers when
changing serial port configurations or initiating a soft-
ware reset.
A write to bits 1, 2 and 3 of address 00h with the same
logic levels as for bits 7, 6 and 5 (bit pattern: XY1001YX
binary) allows to reprogram a lost serial port configura-
tion and to reset the registers to their default values. A
second write to address 00h with Reset bit low and serial
port configuration as specified above (XY) reprograms
the OSC IN Multiplier setting. A changed fSYSCLK fre-
quency is stable after a maximum of 200 fMCLK cycles
(=Wake-Up Time).
R/W I6 (n) I5 (n)
I4
I3
I2
I1
I0
D7n
D6n
D20 D10
D00
D7n
D6n
D20 D10
D00
Instruction Cycle
Data Transfer Cycle
CS
SCLK
SDIO
SDO
R/W
I6 (n)
I5 (n)
I4
I3
I2
I1
I0
D7n
D6n
D20
D10
D00
D7n
D6n
D20
D10
D00
Instruction Cycle
Data Transfer Cycle
CS
SCLK
SDIO
SDO
Figure 4a. Serial Register Interface Timing MSB-First
Figure 4b. Serial Register Interface Timing LSB-First
Figure 5. Timing Diagram for Register Write to AD9773
CS
tDS
tDS
tSCLK
tDH
tPW H
tPW L
Instruc tion Bit
7
Instructio n Bit 6
SCLK
SDIO
CS
tDV
SCLK
SDIO
SDO
Data Bit n
Data Bit n-1
Figure 6. Timing Diagram for Register Read from AD9773
REV. PrA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com