Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9773AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD9773AST
Description  12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9773AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9773AST Datasheet HTML 11Page - Analog Devices AD9773AST Datasheet HTML 12Page - Analog Devices AD9773AST Datasheet HTML 13Page - Analog Devices AD9773AST Datasheet HTML 14Page - Analog Devices AD9773AST Datasheet HTML 15Page - Analog Devices AD9773AST Datasheet HTML 16Page - Analog Devices AD9773AST Datasheet HTML 17Page - Analog Devices AD9773AST Datasheet HTML 18Page - Analog Devices AD9773AST Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AD9773
15
PRELIMINARY TECHNICAL DATA
PROGRAMMABLE MODES
The AD9773 has a very flexible structure, program-
mable via the SPI compliant port with registers defined
in table 1. Digital filtering and complex modulation can
be programmed, as well as fine and coarse adjustments
for the I and Q DAC channels.
PLL ENABLED
With the Phase Locked Loop (PLL) enabled, a single
ended or differential clock, running at the input data
rate, must be applied to the CLK+/CLK- inputs. If a
single ended clock is to be used, both of these inputs
should have the same dc bias. Data at the input ports
one and two is latched into the AD9773 on the rising
edge of the input clock. Care should be taken to ensure
that the transitions of the input data do not violate the
specified set-up and hold times.
The PLL clock multiplier and distribution circuitry
produces the necessary internal synchronized 1
×,2×, 4×,
and 8
× clocks for the rising edge triggered latches, in-
terpolation filters, modulators and DACs. Figure 7
shows a functional block diagram of the AD9773 clock
circuitry with the PLL enabled.This circuitry consists
of a phase detector, charge pump, voltage controlled
oscillator (VCO), prescaler, clock distribution and SPI
port control.The charge pump andVCO are powered
from PLLVDD while the differential clock input buffer,
phase detector, prescaler and clock distribution are
powered from CLKVDD. PLL lock status is indicated
by the logic signal at the PLL_LOCK pin.To ensure
optimum phase noise performance from the PLL clock
multiplier and clock distribution, PLLVDD and
CLKVDD must originate from the same clean analog
supply.
The speed of theVCO with the PLL enabled also has
an effect on phase noise. Optimal phase noise with re-
spect toVCO speed is achieved by running theVCO in
the range of 500MHz to 550MHz.TheVCO speed is a
function of the input data rate, of the interpolation rate
and of theVCO prescaler according to the following
function;
Figure 7. AD9773 PLL and Clock Circuitry with PLL Enabled
Figure 8. AD9773 PLL and Clock Circuitry with PLL Disabled
VCO Speed (MHz) =
Input Data Rate (MHz)
× Interpolation Rate × Prescaler
It is important to note that the resistor/capacitor needed
for the PLL loop filter is included on the AD9773.This
will suffice unless the input data rate is below 10MHz,
in which case an external series RC will need to be
added between the LPF and PLLVDD pins.
PLL DISABLED,TWO PORT MODE
With the PLL disabled, and the AD9773 in two port
mode, a single ended or differential clock, running at
the DAC output rate, must be applied to the CLK+/
CLK- inputs. In this mode, the internal clock dividers
on the AD9773 are used to create a clock, available at
the DATACLK pin, which runs at the input data rate.
This can be used synchronize the input data. Figure 8
shows a functional block diagram of the AD9773 clock
circuitry with the PLL disabled.
The two port mode is selected by setting control
register 02h, bit 6, to logic 0. Data is latched into input
ports one and two of the AD9773 on the rising edge of
the clock at the DATACLK/PLL_LOCK pin (pin 8).
This clock can be internally generated by the AD9773
or externally applied by setting control register 02h, bit
3 to the desired value.Whether externally or internally
generated, the speed of this clock is defined by the
speed of the clock at CLK+/CLK-, divided by the
PRESCALER
CHARGE
PUMP
PHASE
DETECTOR
CLK+
CLOCK
DISTRIBUTION
CIRCUITRY
-
+
VCO
AD9773
CLK-
SP I P ORT
INTERNAL SP I
CONTROL
REGISTERS
DATACLK
INTERP OLATION
FILTERS,
MODULATORS
AND DACS
2
× 4×
8
×
INTERP OLATION
RATE
CONTROL
P LL DIVIDER
(P RESCALER)
CONTROL
PLL
CONTROL
(P LL OFF)
1
×
INP UT
DATA
LATCHES
MODULATION
RATE
CONTROL
PRESCALER
CHARGE
PUMP
PHASE
DETECTOR
CLK+
CLOCK
DISTRIB UTION
CIRCUITRY
-
+
VCO
AD9773
CLK-
SP I P ORT
INTERNAL SP I
CONTROL
REGISTERS
P LL_LOCK
1=LOCK
0=NO LOCK
P LLVDD
LP F
INTERP OLATION
FILTERS,
MODULATORS
AND DACS
2
× 4×
8
×
INTERP OLATION
RATE
CONTROL
P LL DIVIDER
(P RESCALER)
CONTROL
PLL
CONTROL
(P LL ON)
1
×
INP UT
DATA
LATCHES
MODULATION
RATE
CONTROL
REV. PrA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com