Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9840A Datasheet(PDF) 1 Page - Analog Devices

Part # AD9840A
Description  Complete 10-Bit 40 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9840A Datasheet(HTML) 1 Page - Analog Devices

  AD9840A Datasheet HTML 1Page - Analog Devices AD9840A Datasheet HTML 2Page - Analog Devices AD9840A Datasheet HTML 3Page - Analog Devices AD9840A Datasheet HTML 4Page - Analog Devices AD9840A Datasheet HTML 5Page - Analog Devices AD9840A Datasheet HTML 6Page - Analog Devices AD9840A Datasheet HTML 7Page - Analog Devices AD9840A Datasheet HTML 8Page - Analog Devices AD9840A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9840A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Complete 10-Bit 40 MSPS
CCD Signal Processor
FUNCTIONAL BLOCK DIAGRAM
DATACLK
SHD
SHP
BANDGAP
REFERENCE
2:1
MUX
DOUT
AUX2IN
CLPDM
CCDIN
OFFSET
DAC
PBLK
AUX1IN
VRT
VRB
INTERNAL
TIMING
INTERNAL
BIAS
2dB TO 36dB
AVDD
DVDD
DVSS
AVSS
DRVDD
DRVSS
10
8
CML
DIGITAL
INTERFACE
SDATA
SCK
SL
CLPOB
10
CDS
VGA
CLP
BUF
2:1
MUX
CLP
AD9840A
4dB 6dB
INTERNAL
REGISTERS
CLP
10-BIT
ADC
6
FEATURES
40 MSPS Correlated Double Sampler (CDS)
4 dB
6 dB Variable CDS Gain with 6-Bit Resolution
2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
Low Noise Clamp Circuits
Analog Preblanking Function
10-Bit 40 MSPS A/D Converter
Auxiliary Inputs with VGA and Input Clamp
3-Wire Serial Digital Interface
3 V Single Supply Operation
Low Power: 155 mW @ 3.0 V Supply
48-Lead LQFP Package
APPLICATIONS
Digital Video Camcorders
Digital Still Cameras
Industrial Imaging
PRODUCT DESCRIPTION
The AD9840A is a complete analog signal processor for CCD
applications. It features a 40 MHz single-channel architecture
designed to sample and condition the outputs of interlaced and
progressive scan area CCD arrays. The AD9840A’s signal chain
consists of an input clamp, correlated double sampler (CDS),
digitally controlled variable gain amplifier (VGA), black level
clamp, and 10-bit A/D converter. Additional input modes are
provided for processing analog video signals.
The internal registers are programmed through a 3-wire serial
digital interface. Programmable features include gain adjustment,
black level adjustment, input configuration, and power-down modes.
The AD9840A operates from a 3 V power supply, typically
dissipates 155 mW, and is packaged in a 48-lead LQFP.


Similar Part No. - AD9840A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9840A AD-AD9840A Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJST AD-AD9840AJST Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJST AD-AD9840AJST Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results

Similar Description - AD9840A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9806 AD-AD9806 Datasheet
134Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV.0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV.0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV.0
AD9804 AD-AD9804 Datasheet
379Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV.0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9806 AD-AD9806_15 Datasheet
130Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com