Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873JS Datasheet(PDF) 16 Page - Analog Devices

Part # AD9873JS
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873JS Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9873JS Datasheet HTML 12Page - Analog Devices AD9873JS Datasheet HTML 13Page - Analog Devices AD9873JS Datasheet HTML 14Page - Analog Devices AD9873JS Datasheet HTML 15Page - Analog Devices AD9873JS Datasheet HTML 16Page - Analog Devices AD9873JS Datasheet HTML 17Page - Analog Devices AD9873JS Datasheet HTML 18Page - Analog Devices AD9873JS Datasheet HTML 19Page - Analog Devices AD9873JS Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
REV. 0
AD9873
–16–
FREQUENCY OFFSET – MHz
0
–60
–2.5
–1.0
1.0
2.0
–20
–90
–40
2.5
–80
0
1.5
–1.5
–0.5
0.5
–10
–30
–50
–2.0
–70
TPC 8a. Single Sideband @ 65 MHz, RBW = 500 Hz
fC = 66 MHz, f = 1 MHz, RSET = 10 k
Ω (IOUT = 4 mA)
FREQUENCY OFFSET – kHz
0
–60
–50
–20
20
40
–20
–100
–40
50
–80
030
–30
–10
10
–10
–30
–50
–40
–70
–90
TPC 9. Single Sideband @ 65 MHz, RBW = 50 Hz
fC = 66 MHz, f = 1 MHz, RSET = 10 k
Ω (IOUT = 4 mA)
FREQUENCY – MHz
0
–60
0
35
–20
–80
–40
15
525
–10
–30
–50
–70
45
40
20
10
30
50
TPC 11. 16-QAM @ 42 MHz Spectral Plot, RBW = 1 kHz
FREQUENCY OFFSET – MHz
0
–60
–2.5
–1.0
1.0
2.0
–20
–90
–40
2.5
–80
0
1.5
–1.5
–0.5
0.5
–10
–30
–50
–2.0
–70
TPC 8b. Single Sideband @ 65 MHz, RBW = 500 Hz
fC = 66 MHz, f = 1 MHz, RSET = 4 k
Ω (IOUT = 10 mA)
FREQUENCY OFFSET – kHz
0
–60
–2.5
–1.0
1.0
2.0
–20
–100
–40
2.5
–80
0
1.5
–1.5
–0.5
0.5
–10
–30
–50
–2.0
–70
–90
TPC 10. Single Sideband @ 65 MHz, RBW = 10 Hz
fC = 66 MHz, f = 1 MHz, RSET = 10 k
Ω (IOUT = 4 mA)
FREQUENCY – MHz
0
–60
0
35
–20
–80
–40
15
525
–10
–30
–50
–70
45
40
20
10
30
50
TPC 12. 16-QAM @ 5 MHz Spectral Plot, RBW = 1 kHz
TYPICAL QAM TRANSMIT PERFORMANCE CHARACTERISTICS
(16-QAM, 2.56 Mbit/s SINC Filter Enabled, Square Root Raised Cosine Filter with Alpha = 0.25, RSET = 4 k
[IOUT = 10 mA], fSYSCLK = 163.84 MHz, fOSCIN = 20.48 MHz [M = 8, N = 4].)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com