Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873JS Datasheet(PDF) 30 Page - Analog Devices

Part # AD9873JS
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873JS Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9873JS Datasheet HTML 26Page - Analog Devices AD9873JS Datasheet HTML 27Page - Analog Devices AD9873JS Datasheet HTML 28Page - Analog Devices AD9873JS Datasheet HTML 29Page - Analog Devices AD9873JS Datasheet HTML 30Page - Analog Devices AD9873JS Datasheet HTML 31Page - Analog Devices AD9873JS Datasheet HTML 32Page - Analog Devices AD9873JS Datasheet HTML 33Page - Analog Devices AD9873JS Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
REV. 0
AD9873
–30–
RECEIVE PATH (Rx)
ADC Theory of Operation
The AD9873’s analog-to-digital converters implement pipelined
multistage architectures to achieve high sample rates while con-
suming low power. Each ADC distributes the conversion over
several smaller ADC subblocks, refining the conversion with
progressively higher accuracy as it passes the results from stage
to stage. As a consequence of the distributed conversion, ADCs
require a small fraction of the 2
N comparators used in a traditional
n-bit flash-type ADC. A sample-and-hold function within each
of the stages permits the first stage to operate on a new input
sample while the remaining stages operate on preceding samples.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor DAC and
interstage residue amplifier (MDAC). The residue amplifier
amplifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each one of the stages to facilitate digital
correction of flash errors. The last stage simply consists of a
flash ADC.
D/A
A/D
A/D
SHA
CORRECTION LOGIC
D/A
A/D
SHA
GAIN
AINP
AINN
AD9873
Figure 17. ADC Architecture
The analog inputs of the AD9873 incorporate a novel structure
that merges the input sample and hold amplifiers (SHA), and
the first pipeline residue amplifiers into single, compact switched-
capacitor circuits. This structure achieves considerable noise
and power savings over a conventional implementation that uses
separate amplifiers by eliminating one amplifier in the pipeline. By
matching the sampling network of the input SHA with the first
stage flash ADC, the ADCs can sample inputs well beyond the
Nyquist frequency with no degradation in performance.
The digital data outputs of the ADCs are represented in straight
binary format. They saturate to full scale or zero when the input
signal exceeds the input voltage range.
Receive Timing
The AD9873 sends multiplexed data to the Rx IQ and IF out-
puts on every rising edge of MCLK. Rx SYNC frames the start
of each Rx IQ data Symbol. Both 8-bit ADCs transfer their data
within four MCLK cycles using 4-bit data packages (I MSB,
I LSB, Q MSB and Q LSB). 10-bit and 12-bit ADCs are com-
pletely read on every second MCLK cycle. Rx SYNC is high for
every second 10-bit ADC data (if 8-bit ADC is not in power-
down mode).
Driving the Analog Inputs
Figure 19 illustrates the equivalent analog inputs of the AD9873,
(a switched capacitor input). Bringing CLK to a logic high,
opens Switch 3 and closes Switches S1 and S2. The input source is
connected to AIN and must charge capacitor CH during this time.
Bringing CLK to a logic low opens S2, and then Switch 1 opens
followed by closing S3. This puts the input in the hold mode.
AINP
AINN
2k
2k
VBIAS
S1
S3
CP
CP
CH
CH
S2
AD9873
Figure 19. Differential Input Architecture
The structure of the input SHA places certain requirements on
the input drive source. The combination of the pin capacitance,
and the hold capacitance, CH, is typically less than 5 pF. The
input source must be able to charge or discharge this capacitance
to its n-bit accuracy in one-half of a clock cycle. When the SHA
goes into track mode, the input source must charge or discharge
capacitor CH from the voltage already stored on CH to the new
voltage. In the worst case, a full-scale voltage step on the
input source must provide the charging current through the
RON (100
Ω) of Switch 1 and quickly (within 1/2 CLK period)
settle. This situation corresponds to driving a low input impedance.
On the other hand, when the source voltage equals the value
previously stored on CH, the hold capacitor requires no input
current and the equivalent input impedance is extremely high.
Adding series resistance between the output of the signal source
and the AIN pin reduces the drive requirements placed on the
signal source. Figure 20 shows this configuration.
AINP
AINN
< 50
SHUNT
< 50
VS
Figure 20. Simple ADC Drive Configuration
The bandwidth of the particular application limits the size of this
resistor. To maintain the performance outlined in the data sheet
specifications, the resistor should be limited to 50
Ω or less. For
applications with signal bandwidths less than 10 MHz, the user
may proportionally increase the size of the series resistor. Alter-
natively, adding a shunt capacitance between the AIN pins can
RxI[7:4]
tHT
tTV
MCLK
Rx SYNC
Rx IQ
RxI[3:0]
RxQ[3:0]
RxQ[7:4]
RxI[7:4]'
RxI[3:0]'
RxQ[3:0]'
RxQ[7:4]'
RxI[3:0]"
RxI[7:4]"
IF-10
[11:2]
IF
IF-12
[11:0]
IF-10
[11:2]'
IF-12
[11:0]'
IF-10
[11:2]"
IF-12
[11:0]"
IF-10
[11:2]'''
IF-12
[11:0]'''
IF-10
[11:2]""
IF-12
[11:0]""
Figure 18. Receive Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com