Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9873JS Datasheet(PDF) 19 Page - Analog Devices

Part # AD9873JS
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873JS Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9873JS Datasheet HTML 15Page - Analog Devices AD9873JS Datasheet HTML 16Page - Analog Devices AD9873JS Datasheet HTML 17Page - Analog Devices AD9873JS Datasheet HTML 18Page - Analog Devices AD9873JS Datasheet HTML 19Page - Analog Devices AD9873JS Datasheet HTML 20Page - Analog Devices AD9873JS Datasheet HTML 21Page - Analog Devices AD9873JS Datasheet HTML 22Page - Analog Devices AD9873JS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
REV. 0
AD9873
–19–
FREQUENCY – MHz
–5
4
–125
–45
12
28
0
–85
10
6
–105
–25
–65
13.5
0
TPC 21. 12-Bit ADC Single-Tone Spectral Plot Using PLL
(Input Frequency = 10 MHz, 4096 Point FFT)
FREQUENCY – MHz
–5
4
–125
–45
12
28
0
–85
10
6
–105
–25
–65
13.5
0
TPC 22. 10-Bit ADC Single-Tone Spectral Plot Using PLL
(Input Frequency = 10 MHz, 4096 Point FFT)
FREQUENCY – MHz
–5
4
–125
–45
12
28
0
–85
10
6
–105
–25
–65
13.5
0
TPC 23. Video Input Single-Tone Spectral Plot Using PLL
(Input Frequency = 5 MHz, 4096 Point FFT)
FREQUENCY – MHz
–5
4
–125
–45
12
28
0
–85
10
6
–105
–25
–65
13.5
0
TPC 24. 12-Bit ADC Single-Tone Spectral Plot Without PLL
(Input Frequency = 10 MHz, 4096 Point FFT)
FREQUENCY – MHz
–5
4
–125
–45
12
28
0
–85
10
6
–105
–25
–65
13.5
0
TPC 25. 10-Bit ADC Single-Tone Spectral Plot Without PLL
(Input Frequency = 10 MHz, 4096 Point FFT)
FREQUENCY – MHz
–5
4
–125
–45
12
28
0
–85
10
6
–105
–25
–65
13.5
0
TPC 26. Video Input Single-Tone Spectral Plot Without
PLL (Input Frequency = 5 MHz, 4096 Point FFT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com