Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02803SC Datasheet(PDF) 4 Page - Analog Devices

Part # ADDC02803SC
Description  28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02803SC Datasheet(HTML) 4 Page - Analog Devices

  ADDC02803SC Datasheet HTML 1Page - Analog Devices ADDC02803SC Datasheet HTML 2Page - Analog Devices ADDC02803SC Datasheet HTML 3Page - Analog Devices ADDC02803SC Datasheet HTML 4Page - Analog Devices ADDC02803SC Datasheet HTML 5Page - Analog Devices ADDC02803SC Datasheet HTML 6Page - Analog Devices ADDC02803SC Datasheet HTML 7Page - Analog Devices ADDC02803SC Datasheet HTML 8Page - Analog Devices ADDC02803SC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADDC02803SC/ADDC02805SA–Typical Performance Curves
REV. A
–4–
MAXIMUM POWER OUTPUT – Watts
16.0
15.5
30
55
35
40
45
50
14.0
13.5
13.0
15.0
14.5
60
65
70
80
90
100
ADDC02803SC
ADDC02805SA
Figure 4. Low Line Dropout vs. Load at +90
°C Case
Temperature
TCASE
5.100
5.050
4.900
–55
125
–35
–15
5
25
45
65
85
105
5.000
4.950
Figure 5. Output Voltage vs. Case Temperature (
°C)
(ADDC02805SA)
TCASE
3.340
3.320
3.260
–55
75
–45 –35 –25 –15 –5
5
15 25 35 45
55 65
3.300
3.280
85 95
Figure 6. Output Voltage vs. Case Temperature (
°C)
(ADDC02803SC)
OUTPUT POWER – WATTS
64
570
10
15
20
25
30
35
40
45
50
55
60
65
OUTPUT POWER – Watts
82
68
10
100
20
30
40
50
60
70
80
90
80
76
74
72
70
78
40V
18V
28V
VIN = 28V
VO = 5V
TC = +25 C
Figure 1. Efficiency vs. Line and Load at +25
°C
(ADDC02805SA)
OUTPUT POWER – Watts
80
70
64
570
10
15
20
25
30
35
40
45
50
55
60
65
78
72
68
66
76
74
18V
28V
40V
Figure 2. Efficiency vs. Line and Load at +25
°C
(ADDC02803SC)
TCASE – C
80
79
75
–55
–35
–15
5
25
45
65
78
77
76
85
81
ADDC02803SC
ADDC02805SA
Figure 3. Efficiency vs. Case Temperature (
°C)
(at Nominal VIN, 75% Max Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com