Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02803SC Datasheet(PDF) 9 Page - Analog Devices

Part # ADDC02803SC
Description  28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02803SC Datasheet(HTML) 9 Page - Analog Devices

Back Button ADDC02803SC Datasheet HTML 5Page - Analog Devices ADDC02803SC Datasheet HTML 6Page - Analog Devices ADDC02803SC Datasheet HTML 7Page - Analog Devices ADDC02803SC Datasheet HTML 8Page - Analog Devices ADDC02803SC Datasheet HTML 9Page - Analog Devices ADDC02803SC Datasheet HTML 10Page - Analog Devices ADDC02803SC Datasheet HTML 11Page - Analog Devices ADDC02803SC Datasheet HTML 12Page - Analog Devices ADDC02803SC Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ADDC02803SC/ADDC02805SA
REV. A
–9–
With regard to the range to which the output voltage can be
adjusted by the user, there are two concerns. As the output
voltage is raised it may become difficult to maintain regulation
at full power and low input voltage. As the output voltage is
lowered, it may become difficult to maintain regulation at mini-
mum power and high input line. In addition, if the output
voltage is reduced below 3 V, the secondary side control circuit
may not have a sufficient supply voltage to operate correctly.
Pin 4 (STATUS)
Pin 4 is active high referenced to –SENSE (Pin 1), indicating
that the output voltage is typically within
±5%. The pin is both
pulled up and down by internal circuitry. Figures 26, 27 and 28
show the typical source and sink capabilities of the status output.
Refer to the paragraphs describing Pin 3 (ADJUST) for effect
on status trip point.
IOH – mA
3.00
2.25
1.50
0.4
1.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
2.75
2.50
2.00
1.75
Figure 26. Source Capability of Status Output
(ADDC02803SC)
IOH – mA
4.2
3.8
2.2
0.8
2.6
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
3.4
3.0
2.6
Figure 27. Source Capability of Status Output
(ADDC02805SA)
IOL – mA
1.0
0.8
0.0
1.0
19.0
4.0
7.0
10.0
13.0
16.0
0.6
0.4
0.2
Figure 28. Sink Capability of Status Output
Pin 5 (VAUX)
Pin 5 is referenced to the input return and provides a semi-
regulated 13 V to 15 V dc voltage supply for miscellaneous
system use. The maximum permissible current draw is 5 mA
and the voltage varies with the output load of the converter as
shown in Figures 29 and 30.
OUTPUT CURRENT – A
15.0
14.5
13.0
022
2
4
6
8
10
12
14
16
18
20
14.0
13.5
Figure 29. VAUX vs. Converter Output Current
(ADDC02805SA)
OUTPUT CURRENT – A
14.0
13.5
11.5
022
2
4
6
8
10
12
14
16
18
20
13.0
12.5
12.0
Figure 30. VAUX vs. Converter Output Current
(ADDC02803SC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com