Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02803SC Datasheet(PDF) 14 Page - Analog Devices

Part # ADDC02803SC
Description  28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02803SC Datasheet(HTML) 14 Page - Analog Devices

Back Button ADDC02803SC Datasheet HTML 10Page - Analog Devices ADDC02803SC Datasheet HTML 11Page - Analog Devices ADDC02803SC Datasheet HTML 12Page - Analog Devices ADDC02803SC Datasheet HTML 13Page - Analog Devices ADDC02803SC Datasheet HTML 14Page - Analog Devices ADDC02803SC Datasheet HTML 15Page - Analog Devices ADDC02803SC Datasheet HTML 16Page - Analog Devices ADDC02803SC Datasheet HTML 17Page - Analog Devices ADDC02803SC Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ADDC02803SC/ADDC02805SA
REV. A
–14–
CE102: This test measures emissions in the frequency range
between 10 kHz and 10 MHz. The measurements are made on
both of the input leads of the converter, which are connected to
the power source through LISNs. The intent of this requirement,
in the lower frequency portion of the requirement, is to ensure
that the dc/dc converter does not corrupt the power quality
(allowable voltage distortion) on the power buses present on the
platform. At higher frequencies, the intent is to serve as a sepa-
rate control from RE102 on potential radiation from power
leads that may couple into sensitive electronic equipment.
Figure 20 shows the CE102 limit and the measurement taken
from the +VIN line. While the measurement taken from the
input return line is slightly different, both comfortably meet the
MIL-STD-461D, CE102 limit. (Reference the last section of
EMI Considerations for how to adjust the external components
in the test setup circuit to increase the margin between the
specification limit and the measured results.)
CS101: This test measures the ability of the converter to reject
low frequency differential signals, 30 Hz to 50 kHz, injected on
the dc inputs. The measurement is taken on the output power
leads. The intent is to ensure that equipment performance is
not degraded from ripple voltages associated with allowable
distortion of power source voltage waveforms. Figures 11 and
12 show typical audio susceptibility graphs. Note that according
to the MIL-STD-461D test requirements, the injected signal
between 30 Hz and 5 kHz has an amplitude of 2 V rms and
from 5 kHz to 50 kHz the amplitude decreases inversely with
frequency to 0.2 V rms. The curve of the injected signal should
be multiplied by the audio susceptibility curve to determine the
output ripple at any frequency. When this is done, the worst
case output ripple at the frequency of the input ripple occurs at
5 kHz, at which point there is typically a 25 mV peak-to-peak
output ripple.
It should be noted that MIL-STD-704 has a more relaxed
requirement for rejection of low frequency differential signals
injected on the dc inputs than MIL-STD-461D. MIL-STD-704
calls for a lower amplitude ripple to be injected on the input in a
narrower frequency band, 10 Hz to 20 kHz.
CS114: This test measures the ability of the converter to oper-
ate correctly during and after being subjected to currents in-
jected into bulk cables in the 10 kHz to 400 MHz range. Its
purpose is to simulate currents that would be developed in these
cables due to electromagnetic fields generated by antenna trans-
missions. The converter is designed to meet the requirements
of this test when the current is injected on the input power leads
cable. Consult factory for more information.
CS115: This test measures the ability of the converter to oper-
ate correctly during and after being subjected to 30 ns long
pulses of current injected into bulk cables. Its purpose is to
simulate transients caused by lightning or electromagnetic
pulses. The converter is designed to meet this requirement
when applied to its input power leads cable. Consult factory for
more information.
CS116: This test measures the ability of the converter to oper-
ate correctly during and after being subjected to damped sinu-
soid transients in the 10 kHz to 100 MHz range. Its purpose is
to simulate current and voltage waveforms that would occur
when natural resonances in the system are excited. The con-
verter is designed to meet this requirement when applied to its
input power leads cable. Consult factory for more information.
RE101: This requirement limits the strength of the magnetic
field created by the converter in order to avoid interference with
sensitive equipment located nearby. The measurement is made
from 30 Hz to 100 kHz. The most stringent requirement is for
the Navy. Figure 21 shows the test results when the pickup coil
is held 7 cm above the converter. As can be seen, the converter
easily meets this requirement.
RE102: This requirements limits the strength of the electric
field emissions from the power converter to protect sensitive
receivers from interference. The measurement is made from
10 kHz to 18 GHz with the antenna oriented in the vertical
plane. For the 30 MHz and above range, the standard calls for
the measurement to be made with the antenna oriented in the
horizontal plane as well.
In a typical power converter system setup, the radiated emis-
sions can come from two sources: 1) the input power leads as
they extend over the two meter distance between the LISNs and
the converter, as required for this test, and 2) the converter
output leads and load. The latter is likely to create significant
emissions if left uncovered, since minimal EMI filtering is
provided at the converter’s output. It is typical, however,
that the power supply and its load would be contained in a
conductive enclosure in applications where this test is applicable.
For this test a metal screen was therefore used to cover the
converter and its load.
Figure 22 shows test results for the vertical measurement and
compares them against the most stringent RE102 requirement;
the horizontal measurement (30 MHz and above) was similar.
As can be seen, the emissions just meet the standard in the
18 MHz–28 MHz range. This component of the emissions is
due to common-mode currents flowing through the input power
leads. As mentioned in the section on CE102 above, the level
of common-mode current that flows is dependent on how the
load is connected. This measurement is therefore a good indi-
cation of how well the converter will perform in the final con-
figuration; the user should confirm RE102 testing in the final
system. (Reference the last section of EMI Considerations for
how to adjust the external components in the test setup circuit
to increase the margin between the specification limit and the
measured results.)
RS101: This requirement is specialized and intended to check
for sensitivity to low frequency magnetic fields in the 30 Hz to
50 kHz range. The converter is designed to meet this require-
ment. Consult factory for more information.
RS103: This test calls for correct operation during and after the
unit under test is subjected to radiated electric fields in the 10 kHz
to 40 GHz range. The intent is to simulate electromagnetic
fields generated by antenna transmissions. The converter is
designed to meet this requirement. Consult factory for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com