Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02812DATV/QMLH Datasheet(PDF) 17 Page - Analog Devices

Part # ADDC02812DATV/QMLH
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02812DATV/QMLH Datasheet(HTML) 17 Page - Analog Devices

Back Button ADDC02812DATV/QMLH Datasheet HTML 12Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 13Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 14Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 15Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 16Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 17Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 18Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 19Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADDC02812DA/ADDC02815DA
REV. A
–17–
What users should be interested in is the probability of a power
supply not failing prior to some time t. Given the assumption of
a constant failure rate, this probability is defined as
R(t )
= e–λt
where R(t) is the probability of a device not failing prior to some
time, t.
If we substitute
= 1/MTBF in the above formula, then the
expression becomes
R(t )
= e
–t
MTBF
This formula is the correct way to interpret the meaning of
MTBF.
If we assume t = MTBF = 1,000,000 hours, then the probability
that a power supply will not fail prior to 1,000,000 hours of use
is e
–1, or 36.8%. This is quite different from saying the power
supply will last 1,000,000 hours before it fails. The probability
that the power supply will not fail prior to 50,000 hours of use is
e
–.05, or 95%. For t = 10,000 hours, the probability of no failure
is e
–.01, or 99%.
Temperature and Environmental Factors: Although the
calculation of MTBF per MIL-HDBK-217 is a detailed process,
there are two key variables that give the manufacturer significant
leeway in predicting an MTBF rating. These two variables are
temperature and environmental factor. Therefore, for users to
properly compare MTBF numbers from two different manufac-
turers, the environmental factor and the temperature must be
identical. Contact the factory for MTBF calculations for specific
environmental factors and temperatures.
MECHANICAL CONSIDERATIONS
When mounting the converter into the next higher level assem-
bly, it is important to insure good thermal contact is made
between the converter and the external heat sink. Poor thermal
connection can result in the converter shutting off, due to the
temperature shutdown feature (Pin 9), or reduced reliability for
the converter due to higher than anticipated junction and case
temperatures. For these reasons the mounting tab locations
were selected to insure good thermal contact is made near the
hot spots of the converter which are shown in the shaded areas
of Figure 26.
Figure 26. Hot Spots (Shaded Areas) of DC/DC Converter
The pins of the converter are typically connected to the next
higher level assembly by bending them at right angles, either
down or up, and cutting them shorter for insertion in printed
circuit board through holes. In order to maintain the hermetic
integrity of the seals around the pins, a fixture should be used
for bending the pins without stressing the pin-to-sidewall seals.
It is recommended that the minimum distance between the
package edge and the inside of the pin be 100 mils (2.54 mm)
for the 40 mil (1.02 mm) diameter pins; 120 mils (3.05 mm)
from the package edge to the center of the pin as shown in
Figure 27.
0.100"
(2.54mm)
0.120"
(3.05mm)
Figure 27. Minimum Bend Radius of 40 Mil (1.02 mm) Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com