Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02812DATV/QMLH Datasheet(PDF) 19 Page - Analog Devices

Part # ADDC02812DATV/QMLH
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02812DATV/QMLH Datasheet(HTML) 19 Page - Analog Devices

Back Button ADDC02812DATV/QMLH Datasheet HTML 12Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 13Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 14Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 15Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 16Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 17Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 18Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 19Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADDC02812DA/ADDC02815DA
REV. A
–19–
NOMINAL CASE DIMENSIONS IN INCHES AND (mm)
[All tolerances
± 0.005" (± 0.13 mm) unless otherwise specified]
0.150 (3.81)
0.100 (2.54)
8 PLCS
0.200 (5.08)
0.150 (3.81)
0.200 (5.08)
0.390
0.010
(9.91
0.25)
0.800
0.010
(20.32
0.25)
1.145 (29.08)
2 PLCS
0.150 (3.81)
4 PLCS
TOP VIEW
0.149 (3.78)
DIA TYP
0.300 (7.62) SQ
0.010
4 PLCS
0.200 (5.08) 5 PLCS
0.250 (6.35)
2 PLCS
1.500
0.010
(38.10
0.25)
0.040
0.003
(1.02
0.08)
0.090
0.010
(2.29
0.25)
4 PLCS
2.745
0.010
(69.72
0.25)
1.800
(45.72)
TYP
2.100
0.010
(53.34
0.25)
NOTES
1The final product weight is 85 grams maximum.
2The package base material if made of molybdenum and is nominally 40 mils (1.02 mm) thick. The “runout” is less than 2 mils per inch (0.02 mm per cm).
3The high current pins (10–17) are 40 mil (1.02 mm) diameter; are 99.8% copper; and are plated with gold over nickel.
4The signal carrying pins (1–9) are 18 mil (0.46 mm) diameter; are Kovar; and are plated with gold over nickel.
5All pins are a minimum length of 0.740 inches (18.80 mm) when the product is shipped. The pins are typically bent up or down and cut shorter for proper connec-
tion into the user’s system.
6All pin-to-sidewall spacings are guaranteed for a minimum of 500 V dc breakdown at standard air pressure.
7The case outline was originally designed using the inch-pound units of measurement. In the event of conflict between the metric and inch-pound units, the inch-
pound shall take precedence.
Screening Levels for ADDC02812DA AND ADDC02815DA
Screening Steps
Industrial (KV)
Ruggedized Industrial (TV)
MIL-STD-883B/SMD (TV/QMLH)
Pre-Cap Visual
100%
MIL-STD-883, TM2017
Temp Cycle
N/A
N/A
Constant Acceleration
N/A
N/A
Fine Leak
Guaranteed to Meet
Guaranteed to Meet
MIL-STD-883, TM1014
MIL-STD-883, TM1014
Compliant to MIL-PRF-38534
Gross Leak
Guaranteed to Meet
Guaranteed to Meet
MIL-STD-883, TM1014
MIL-STD-883, TM1014
Burn-In
N/A
MIL-STD-883, TM1015,
96 Hrs at +115
°C Case
Final Electrical Test
At +25
°C, Per Specification
At +25
°C, Per Specification
Table
Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com