Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDC02812DATV/QMLH Datasheet(PDF) 18 Page - Analog Devices

Part # ADDC02812DATV/QMLH
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02812DATV/QMLH Datasheet(HTML) 18 Page - Analog Devices

Back Button ADDC02812DATV/QMLH Datasheet HTML 12Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 13Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 14Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 15Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 16Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 17Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 18Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 19Page - Analog Devices ADDC02812DATV/QMLH Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
–18–
ADDC02812DA/ADDC02815DA
REV. A
–18–
Note: The value of C1 is dependent on source impedance.
Refer to section on System Instability Considerations. The remote
sense connection shown in Figure 29 was selected to reference
STATUS to the output ground of the load. If the resistive drop
in the positive VOUT connection to the load is sufficiently large
compared to the negative VOUT connection to the load, then
connect Pin 1 to the output return of the converter and Pin 2
to the +VOUT. However, STATUS, which is referenced to
–SENSE (Pin 1), will not be referenced to the output ground of
the load.
1
2
10
11
17
16
15
14
13
12
ADDC02812DA/
ADDC02815DA
+28VDC
28RTN
–RLOAD
+RLOAD
C1
NOTE: VALUE OF C1 IS DEPENDENT ON SOURCE IMPEDANCE.
REFER TO SECTION ON SYSTEM INSTABILITY CONSIDERATIONS.
Figure 28. Typical Power Connections and External Parts
for Converter
1
2
10
11
17
16
15
14
13
12
ADDC02812DA/
ADDC02815DA
+28VDC
28RTN
RLOAD
C1
NOTE: VALUE OF C1 IS DEPENDENT ON SOURCE IMPEDANCE.
REFER TO SECTION ON SYSTEM INSTABILITY CONSIDERATIONS.
Figure 29. Typical Connections for Providing 24 V Output/
30 V Output from ADDC02812DA/ADDC02815DA Re-
spectively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com