Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1253 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1253
Description  Current-Mode PWM Current-Mode PWM Power Supplies
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1253 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1253_12 Datasheet HTML 1Page - ON Semiconductor NCP1253_12 Datasheet HTML 2Page - ON Semiconductor NCP1253_12 Datasheet HTML 3Page - ON Semiconductor NCP1253_12 Datasheet HTML 4Page - ON Semiconductor NCP1253_12 Datasheet HTML 5Page - ON Semiconductor NCP1253_12 Datasheet HTML 6Page - ON Semiconductor NCP1253_12 Datasheet HTML 7Page - ON Semiconductor NCP1253_12 Datasheet HTML 8Page - ON Semiconductor NCP1253_12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCP1253
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Pin
Rating
CURRENT COMPARATOR
Vfold
Default internal voltage set point for frequency foldback trip point – 45% of
Vlimit
4
357
mV
Vfreeze
Internal peak current setpoint freeze (≈31% of Vlimit)
4
250
mV
TDEL
Propagation delay from current detection to gate off−state
4
100
150
ns
TLEB
Leading Edge Blanking Duration
4
300
ns
TSS
Internal soft−start duration activated upon startup, auto−recovery
−
4
ms
INTERNAL OSCILLATOR
fOSC
Oscillation frequency (65 kHz version)
−
61
65
71
kHz
fOSC
Oscillation frequency (100 kHz version)
−
92
100
108
kHz
Dmax
Maximum duty−ratio
−
76
80
84
%
fjitter
Frequency jittering in percentage of fOSC
−
±5
%
fswing
Swing frequency
−
240
Hz
Feedback Section
Rup
Internal pull−up resistor
2
20
kW
Req
Equivalent ac resistor from FB to GND
2
16
kW
Iratio
Pin 2 to current setpoint division ratio
−
4.2
Vfreeze(FB) Feedback voltage below which the peak current is frozen
2
1.05
V
FREQUENCY FOLDBACK
Vfold
Frequency foldback level on the feedback pin – ≈45% of maximum peak
current
−
1.5
V
Ftrans
Transition frequency below which skip−cycle occurs
−
22
26
30
kHz
Vfold,end
End of frequency foldback feedback level, Fsw = Fmin
350
mV
Vskip
Skip−cycle level voltage on the feedback pin
−
300
mV
Skip
hysteresis
Hysteresis on the skip comparator
−
30
mV
INTERNAL SLOPE COMPENSATION
Vramp
Internal ramp level @ 25°C (Note 4)
4
2.5
V
Rramp
Internal ramp resistance to CS pin
4
20
kW
4. A 1 MW resistor is connected from pin 4 to the ground for the measurement.
PROTECTIONS
VOVP
Latched Overvoltage Protection on the VCC rail
5
24
25.5
27
V
TOVPdel
Delay before OVP confirmation on the VCC rail
5
20
ms
Timer
Internal auto−recovery fault timer duration
−
100
130
160
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com