Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1253 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1253
Description  Current-Mode PWM Current-Mode PWM Power Supplies
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1253 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1253_12 Datasheet HTML 7Page - ON Semiconductor NCP1253_12 Datasheet HTML 8Page - ON Semiconductor NCP1253_12 Datasheet HTML 9Page - ON Semiconductor NCP1253_12 Datasheet HTML 10Page - ON Semiconductor NCP1253_12 Datasheet HTML 11Page - ON Semiconductor NCP1253_12 Datasheet HTML 12Page - ON Semiconductor NCP1253_12 Datasheet HTML 13Page - ON Semiconductor NCP1253_12 Datasheet HTML 14Page - ON Semiconductor NCP1253_12 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NCP1253
http://onsemi.com
11
R1
200k
R2
100k
R3
100k
C1
4.7uF
D1
1N4007
D2
1N4007
D3
1N4007
D4
1N4007
Cbulk
22uF
input
mains
D5
1N4935
C3
47uF
D6
1N4148
Vcc
aux.
Figure 25. The Startup Resistor Can Be Connected to the Input Mains for Further Power Dissipation Reduction
The first step starts with the calculation of the needed VCC
capacitor which will supply the controller until the auxiliary
winding takes over. Experience shows that this time t1 can
be between 5 and 20 ms. Considering that we need at least
an energy reservoir for a t1 time of 10 ms, the Vcc capacitor
must be larger than:
CVCC w
ICCt1
VCCon * VCCmin
w
3m
10m
9
w 3.3 mF
(eq. 1)
Let us select a 4.7
mF capacitor at first and experiments in
the laboratory will let us know if we were too optimistic for
t1. The VCC capacitor being known, we can now evaluate the
charging current we need to bring the Vcc voltage from 0 to
the VCCon of the IC, 18 V typical. This current has to be
selected to ensure a start−up at the lowest mains (85 V rms)
to be less than 3 s (2.5 s for design margin):
Icharge w
VCCOnCVCC
2.5
w
18
4.7m
2.5
w 34 mA
(eq. 2)
If we account for the 15
mA that will flow inside the
controller, then the total charging current delivered by the
start−up resistor must be 49
mA. If we connect the start−up
network to the mains (half−wave connection then), we know
that the average current flowing into this start−up resistor
will be the smallest when VCC reaches the VCCon of the
controller:
If we account for the 15
mA that will flow inside the
controller, then the total charging current delivered by the
start−up resistor must be 49
mA. If we connect the start−up
network to the mains (half−wave connection then), we know
that the average current flowing into this start−up resistor
will be the smallest when VCC reaches the VCCon of the
controller:
ICVCC,min +
Vac,rms 2
p
* VCCon
Rstart−up
(eq. 3)
To make sure this current is always greater than 49
mA, the
maximum value for Rstart−up can be extracted:
Rstart−up v
Vac,rms 2
p
* VCCon
ICVCC,min
v
85 1.414
p
* 18
49m
v 413 kW
(eq. 4)
This calculation is purely theoretical, considering a
constant charging current. In reality, the take over time can
be shorter (or longer!) and it can lead to a reduction of the
Vcc capacitor. This brings a decrease in the charging current
and an increase of the start−up resistor, for the benefit of
standby power. Laboratory experiments on the prototype are
thus mandatory to fine tune the converter. If we chose the
400k resistor as suggested by Equation 4, the dissipated
power at high line amounts to:
PRstart,max +
Vac,peak 2
4Rstart−up
+
320
2
2
4
400k
+
105k
1.6Meg
+ 66 mW
(eq. 5)
Now that the first VCC capacitor has been selected, we
must ensure that the self−supply does not disappear when in
no−load conditions. In this mode, the skip−cycle can be so
deep that refreshing pulses are likely to be widely spaced,
inducing a large ripple on the VCC capacitor. If this ripple is
too large, chances exist to touch the VCCmin and reset the
controller into a new start−up sequence. A solution is to
grow this capacitor but it will obviously be detrimental to the
start−up time. The option offered in Figure 25 elegantly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com