Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1253 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCP1253
Description  Current-Mode PWM Current-Mode PWM Power Supplies
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1253 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCP1253_12 Datasheet HTML 7Page - ON Semiconductor NCP1253_12 Datasheet HTML 8Page - ON Semiconductor NCP1253_12 Datasheet HTML 9Page - ON Semiconductor NCP1253_12 Datasheet HTML 10Page - ON Semiconductor NCP1253_12 Datasheet HTML 11Page - ON Semiconductor NCP1253_12 Datasheet HTML 12Page - ON Semiconductor NCP1253_12 Datasheet HTML 13Page - ON Semiconductor NCP1253_12 Datasheet HTML 14Page - ON Semiconductor NCP1253_12 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
NCP1253
http://onsemi.com
14
Rsense
Rcomp
20k
0V
2.5 V
CS
+
−
L.E.B
from FB
setpoint
latch
reset
ON
Figure 29. Inserting a Resistor in Series with the Current Sense Information Brings Ramp Compensation and
Stabilizes the Converter in CCM Operation
In the NCP1253 controller, the oscillator ramp features a
2.5 V swing. If the clock operates at a 65 kHz frequency,
then the available oscillator slope corresponds to:
Sramp +
Vramp,peakDmax
TSW
+
2.5
0.8
15m
+ 133 kV sor133 mV ms
(eq. 6)
In our flyback design, let’s assume that our primary
inductance Lp is 770 mH, and the SMPS delivers 19 V with
a Np:Ns ratio of 1:0.25. The off−time primary current slope
Sp is thus given by:
SP +
Vout ) Vf
Ns
NP
LP
+
(19 ) 0.8)
4
770m
+ 103 kA s
(eq. 7)
Given a sense resistor of 330 m
W, the above current ramp
turns into a voltage ramp of the following amplitude:
Ssense + SPRsense + 103k 0.33
+ 34 kV sor34mV ms
(eq. 8)
If we select 50% of the downslope as the required amount
of ramp compensation, then we shall inject a ramp whose
slope is 17 mV/
ms. Our internal compensation being of
133 mV/
ms, the divider ratio (divratio) between Rcomp and
the internal 20 k
W resistor is:
divratio +
17m
133m
+ 0.127
(eq. 9)
The series compensation resistor value is thus:
Rcomp + Rrampdivratio + 20k
0.127 [ 2.5 kW (eq. 10)
A resistor of the above value will then be inserted from the
sense resistor to the current sense pin. We recommend
adding a small 100 pF capacitor, from the current sense pin
to the controller ground for improved noise immunity.
Please make sure both components are located very close to
the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com