Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4106
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4106 Datasheet HTML 9Page - Analog Devices ADF4106 Datasheet HTML 10Page - Analog Devices ADF4106 Datasheet HTML 11Page - Analog Devices ADF4106 Datasheet HTML 12Page - Analog Devices ADF4106 Datasheet HTML 13Page - Analog Devices ADF4106 Datasheet HTML 14Page - Analog Devices ADF4106 Datasheet HTML 15Page - Analog Devices ADF4106 Datasheet HTML 16Page - Analog Devices ADF4106 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
ADF4106
–13–
Table V. Function Latch Map
P2
P1
PRESCALER VALUE
0
0
8/9
0
1
16/17
1
0
32/33
1
1
64/65
CE PIN
PD2
PD1
MODE
0
X
X
ASYNCHRONOUS POWER-DOWN
1
X
0
NORMAL OPERATION
101ASYNCHRONOUS POWER-DOWN
111SYNCHRONOUS POWER-DOWN
CPI6
CPI5
CP14
ICP (mA)
CPI3
CPI2
CPI1
3k
5.1k
11k
0
0
0
1.06
0.625
0.289
0
0
1
2.12
1.25
0.580
0
1
0
3.18
1.875
0.870
0
1
1
4.24
2.5
1.160
1
0
0
5.30
3.125
1.450
1
0
1
6.36
3.75
1.730
1
1
0
7.42
4.375
2.020
1
1
1
8.50
5.0
2.320
TIMEOUT
TC4
TC3
TC2
TC1
(PFD CYCLES)
00003
00017
0010
11
0011
15
0100
19
0101
23
0110
27
0111
31
1000
35
1001
39
1010
43
1011
47
1100
51
1101
55
1110
59
1111
63
F4
0
1
1
M3
M2
M1
000
001
010
011
DVDD
100
101
110
111
F3
0
1
F2
0
1
F1
0
1
DB20
DB19 DB18
DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1) C1 (0)
F1
PD1
M1
M2
M3
F3
P1
P2
CPI1
CPI2
CPI5
CPI6
TC4
PD2
F2
CONTROL
BITS
MUXOUT
CONTROL
CURRENT
SETTING
1
PRESCALER
VALUE
TIMER COUNTER
CONTROL
CPI3
CPI4
DB21
CURRENT
SETTING
2
TC3
TC2
TC1
DB22
DB23
F4
F5
CHARGE PUMP
OUTPUT
NORMAL
THREE-STATE
FASTLOCK MODE
FASTLOCK DISABLED
FASTLOCK MODE 1
FASTLOCK MODE 2
COUNTER
OPERATION
NORMAL
R, A, B COUNTERS
HELD IN RESET
F5
X
0
1
OUTPUT
THREE-STATE OUTPUT
DIGITAL LOCK DETECT
(ACTIVE HIGH)
N DIVIDER OUTPUT
DVDD
R DIVIDER OUTPUT
N-CHANNEL OPEN-DRAIN
LOCK DETECT
SERIAL DATA OUTPUT
DGND
PHASE DETECTOR
POLARITY
NEGATIVE
POSITIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com