Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4106
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106 Datasheet(HTML) 3 Page - Analog Devices

  ADF4106 Datasheet HTML 1Page - Analog Devices ADF4106 Datasheet HTML 2Page - Analog Devices ADF4106 Datasheet HTML 3Page - Analog Devices ADF4106 Datasheet HTML 4Page - Analog Devices ADF4106 Datasheet HTML 5Page - Analog Devices ADF4106 Datasheet HTML 6Page - Analog Devices ADF4106 Datasheet HTML 7Page - Analog Devices ADF4106 Datasheet HTML 8Page - Analog Devices ADF4106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
–3–
REV. 0
BChips
2
Parameter
B Version1
(typ)
Unit
Test Conditions/Comments
NOISE CHARACTERISTICS
ADF4106 Phase Noise Floor
9
–174
–174
dBc/Hz typ
@ 25 kHz PFD Frequency
–166
–166
dBc/Hz typ
@ 200 kHz PFD Frequency
–159
–159
dBc/Hz typ
@ 1 MHz PFD Frequency
Phase Noise Performance
10
@ VCO Output
900 MHz Output
11
–93
–93
dBc/Hz typ
@ 1 kHz Offset and 200 kHz PFD Frequency
5800 MHz Output
12
–74
–74
dBc/Hz typ
@ 1 kHz Offset and 200 kHz PFD Frequency
5800 MHz Output
13
–84
–84
dBc/Hz typ
@ 1 kHz Offset and 1 MHz PFD Frequency
Spurious Signals
900 MHz Output
11
–90/–92
–90/–92
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD Frequency
5800 MHz Output
12
–65/–70
–65/–70
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD Frequency
5800 MHz Output
13
–70/–75
–70/–75
dBc typ
@ 1 MHz/2 MHz and 1 MHz PFD Frequency
NOTES
1Operating temperature range (B Version) is –40
°C to +85°C.
2The BChip specifications are given as typical values.
3Use a square wave for lower frequencies, below the mimimum stated.
4This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency
that is less than this value.
5AV
DD = DVDD = 3 V
6Guaranteed by design. Sample tested to ensure compliance.
7T
A = 25
°C; AV
DD = DVDD = 3 V; P = 16; RFIN = 6.0 GHz
8T
A = 25
°C; AV
DD = DVDD = 3.3 V; R = 16383; A = 63; B = 891; P = 32; RF IN = 6.0 GHz
9The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N divider value).
10The phase noise is measured with the EVAL-ADF4106EB1 Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides the REFIN for
the synthesizer (fREFOUT = 10 MHz @ 0 dBm).
11f
REFIN = 10 MHz; fPFD = 200 kHz; Offset Frequency = 1 kHz; f RF = 900 MHz; N = 4500; Loop B/W = 20 kHz
12f
REFIN = 10 MHz; fPFD = 200 kHz; Offset Frequency = 1 kHz; f RF = 5800 MHz; N = 29000; Loop B/W = 20 kHz
13f
REFIN = 10 MHz; fPFD = 1 MHz; Offset Frequency = 1 kHz; f RF = 5800 MHz; N = 5800; Loop B/W = 100 kHz
Specifications subject to change without notice.
(AVDD = DVDD = 3 V
10%; AVDD
≤ VP ≤ 5.5 V; AGND = DGND = CPGND = 0 V; R
SET = 5.1 k
;
TA = TMIN to TMAX unless otherwise noted.)
CLOCK
DB23 (MSB)
DB22
DB2
DB1 (CONTROL
BIT C2)
t
5
DATA
LE
DB0 (LSB)
(CONTROL BIT C1)
t
6
t
1
t2
t
3
t
4
LE
Figure 1. Timing Diagram
TIMING CHARACTERISTICS
Limit at
TMIN to TMAX
Parameter
(B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Setup Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Setup Time
t6
20
ns min
LE Pulsewidth
Guaranteed by design but not production tested.
ADF4106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com