Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4106
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106 Datasheet(HTML) 2 Page - Analog Devices

  ADF4106 Datasheet HTML 1Page - Analog Devices ADF4106 Datasheet HTML 2Page - Analog Devices ADF4106 Datasheet HTML 3Page - Analog Devices ADF4106 Datasheet HTML 4Page - Analog Devices ADF4106 Datasheet HTML 5Page - Analog Devices ADF4106 Datasheet HTML 6Page - Analog Devices ADF4106 Datasheet HTML 7Page - Analog Devices ADF4106 Datasheet HTML 8Page - Analog Devices ADF4106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
ADF4106–SPECIFICATIONS1
BChips
2
Parameter
B Version
1
(typ)
Unit
Test Conditions/Comments
RF CHARACTERISTICS
See Figure 3 for Input Circuit
RF Input Frequency (RFIN)
3
0.5/6.0
0.5/6.0
GHz min/max
RF Input Sensitivity
–10/0
–10/0
dBm min/max
Maximum Allowable
Prescaler Output Frequency4
300
300
MHz max
REFIN CHARACTERISTICS
REFIN Input Frequency
20/250
20/250
MHz min/max
For f < 20 MHz, Use DC-Coupled
Square Wave, (0 to VDD)
REFIN Input Sensitivity
5
0.8/AVDD
0.8/AVDD
V p-p min/max
AC-Coupled; When DC-Coupled,
0 to VDD max (CMOS Compatible)
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency
6
56
56
MHz max
CHARGE PUMP
ICP Sink/Source
Programmable, See Table V
High Value
5
5
mA typ
With RSET = 5.1 k
Ω
Low Value
625
625
µA typ
Absolute Accuracy
2.5
2.5
% typ
With RSET = 5.1 k
Ω
RSET Range
2.7/10
2.7/10
k
Ω typ
See Table V
ICP Three-State Leakage Current
1
1
nA typ
Sink and Source Current Matching
2
2
% typ
0.5 V
VCP
VP – 0.5 V
ICP vs. VCP
1.5
1.5
% typ
0.5 V
VCP
VP – 0.5 V
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
1.4
1.4
V min
VINL, Input Low Voltage
0.6
0.6
V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
1.4
V min
Open Drain Output Chosen 1 k
Ω
Pull-up to 1.8 V
VOH, Output High Voltage
1.4
1.4
V min
CMOS Output Chosen
IOH
100
100
µA max
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500
µA
POWER SUPPLIES
AVDD
2.7/3.3
2.7/3.3
V min/V max
DVDD
AVDD
AVDD
VP
AVDD/5.5
AVDD/5.5
V min/V max
AVDD
VP
5.5 V
IDD
7 (AI
DD + DIDD)
15
13
mA max
13 mA typ
IP
0.4
0.4
mA max
TA = 25
°C
Power-Down Mode
8 (AI
DD + DIDD)10
10
µA typ
(AVDD = DVDD = 3 V
10%; AVDD
≤ VP ≤ 5.5 V; AGND = DGND = CPGND = 0 V;
RSET = 5.1 k ; dBm referred to 50
; TA = TMIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com