Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4118 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4118
Description  RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4118 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4118 Datasheet HTML 2Page - Analog Devices ADF4118 Datasheet HTML 3Page - Analog Devices ADF4118 Datasheet HTML 4Page - Analog Devices ADF4118 Datasheet HTML 5Page - Analog Devices ADF4118 Datasheet HTML 6Page - Analog Devices ADF4118 Datasheet HTML 7Page - Analog Devices ADF4118 Datasheet HTML 8Page - Analog Devices ADF4118 Datasheet HTML 9Page - Analog Devices ADF4118 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADF4116/ADF4117/ADF4118
–6–
REV. 0
–Typical Performance Characteristics
Table I. S-Parameter Data for the ADF4118 RF Input
(Up to 1.8 GHz)
KEYWORD
FREQ-
PARAM-
DATA-
IMPEDANCE-
UNIT
TYPE
FORMAT
OHMS
GHZ
S
MA
R
50
FREQ
MagS11 AngS11
0.95
0.92087
–36.961
1.00
0.93788
–39.343
1.05
0.9512
–40.134
1.10
0.93458
–43.747
1.15
0.94782
–44.393
1.20
0.96875
–46.937
1.25
0.92216
–49.6
1.30
0.93755
–51.884
1.35
0.96178
–51.21
1.40
0.94354
–53.55
1.45
0.95189
–56.786
1.50
0.97647
–58.781
1.55
0.98619
–60.545
1.60
0.95459
–61.43
1.65
0.97945
–61.241
1.70
0.98864
–64.051
1.75
0.97399
–66.19
1.80
0.97216
–63.775
FREQ MagS11
AngS11
0.05
0.89207
–2.0571
0.10
0.8886
–4.4427
0.15
0.89022
–6.3212
0.20
0.96323
–2.1393
0.25
0.90566
–12.13
0.30
0.90307
–13.52
0.35
0.89318
–15.746
0.40
0.89806
–18.056
0.45
0.89565
–19.693
0.50
0.88538
–22.246
0.55
0.89699
–24.336
0.60
0.89927
–25.948
0.65
0.87797
–28.457
0.70
0.90765
–29.735
0.75
0.88526
–31.879
0.80
0.81267
–32.681
0.85
0.90357
–31.522
0.90
0.92954
–34.222
RF INPUT FREQUENCY – GHz
0
4.0
0.5
1.5
2.0
2.5
3.0
3.5
–35
0
–15
–20
–25
–30
–5
–10
1.0
VDD = 3V
VP = 3V
TA = –40 C
TA = 85 C
TA = 25 C
–40
–45
Figure 2. Input Sensitivity (ADF4118)
–2kHz
–1kHz
900MHz
+1kHz
+2kHz
VDD = 3V, VP = 5V
ICP = 1mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 22
REFERENCE
LEVEL = –4.2dBm
0
–50
–70
–80
–90
–10
–30
–60
–40
–20
–100
–90.2dBc/Hz
Figure 3. ADF4118 Phase Noise (900 MHz, 200 kHz, 20 kHz)
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 0.64
100Hz
FREQUENCY OFFSET FROM 900 MHz CARRIER
1MHz
–40
–80
–100
–50
–70
–60
–90
–110
–120
–130
–140
0.64 rms
Figure 4. ADF4118 Integrated Phase Noise (900 MHz,
200 kHz, 35 kHz, Typical Lock Time: 200
µs)
10dB/DIVISION
RL = –40dBc/Hz
RMS NOISE = 0.575
100Hz
FREQUENCY OFFSET FROM 900 MHz CARRIER
1MHz
–40
–70
–80
–90
–100
–50
–60
–110
–120
–130
–140
0.575 rms
Figure 5. ADF4118 Integrated Phase Noise (900 MHz,
200 kHz, 20 kHz, Typical Lock Time: 400
µs)
–400kHz
–200kHz
900MHz
+200kHz
+400kHz
VDD = 3V, VP = 5V
ICP = 1mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5 SECONDS
AVERAGES = 4
REFERENCE
LEVEL = –3.8dBm
0
–50
–70
–80
–90
–10
–30
–60
–40
–20
–100
–91.5dBc
Figure 6. ADF4118 Reference Spurs (900 MHz, 200 kHz,
20 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com