Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4118 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4118
Description  RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4118 Datasheet(HTML) 2 Page - Analog Devices

  ADF4118 Datasheet HTML 1Page - Analog Devices ADF4118 Datasheet HTML 2Page - Analog Devices ADF4118 Datasheet HTML 3Page - Analog Devices ADF4118 Datasheet HTML 4Page - Analog Devices ADF4118 Datasheet HTML 5Page - Analog Devices ADF4118 Datasheet HTML 6Page - Analog Devices ADF4118 Datasheet HTML 7Page - Analog Devices ADF4118 Datasheet HTML 8Page - Analog Devices ADF4118 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. 0
ADF4116/ADF4117/ADF4118–SPECIFICATIONS1
(AVDD = DVDD = 3 V
10%, 5 V
10%; AVDD
≤ VP ≤ 6.0 V; AGND = DGND = CPGND = 0 V; TA = TMIN to TMAX unless otherwise noted)
Parameter
B Version
B Chips
2
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency
See Figure 22 for Input Circuit
ADF4116
45/550
45/550
MHz min/max
ADF4117
0.045/1.2
0.045/1.2
GHz min/max
ADF4118
0.1/3.0
0.1/3.0
GHz min/max
Input Level = –10 dBm
ADF4118
0.2/3.0
0.2/3.0
GHz min/max
Maximum Allowable
Prescaler Output Frequency
3
165
165
MHz max
AVDD, DVDD = 3 V
200
200
MHz max
AVDD, DVDD = 5 V
RF Input Sensitivity
–15/0
–15/0
dBm min/max
AVDD = 3 V
–10/0
–10/0
dBm min/max
AVDD = 5 V
REFIN CHARACTERISTICS
Reference Input Frequency
0/100
0/100
MHz min/max
Reference Input Sensitivity
4
–5/0
–5/0
dBm min/max
AC-Coupled. When DC-Coupled:
0 to VDD Max (CMOS Compatible)
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR FREQUENCY5
55
55
MHz max
CHARGE PUMP
ICP Sink/Source
High Value
1
1
mA typ
Low Value
250
250
µA typ
Absolute Accuracy
2.5
2.5
% typ
ICP Three-State Leakage Current
1
1
nA max
Sink and Source Current Matching
3
3
% typ
0.5 V
≤ VCP ≤ VP – 0.5
ICP vs. VCP
2
2
% typ
0.5 V
≤ V
CP
≤ V
P – 0.5
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
0.8
× DVDD
0.8
× DVDD V min
VINL, Input Low Voltage
0.2
× DVDD
0.2
× DVDD V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
Reference Input Current
±100
±100
µA max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD – 0.4
DVDD – 0.4
V min
IOH = 500
µA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500
µA
POWER SUPPLIES
AVDD
2.7/5.5
2.7/5.5
V min/V max
DVDD
AVDD
AVDD
VP
AVDD/6.0
AVDD/6.0
V min/V max
AVDD
≤ V
P
≤ 6.0 V
IDD
6 (AI
DD + DIDD)
See Figure 20
ADF4116
5.5
4.5
mA max
4.5 mA Typical
ADF4117
5.5
4.5
mA max
4.5 mA Typical
ADF4118
7.5
6.5
mA max
6.5 mA Typical
IP
0.4
0.4
mA max
TA = 25
°C
Low-Power Sleep Mode
1
1
µA typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com