Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4118 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4118
Description  RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4118 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4118 Datasheet HTML 9Page - Analog Devices ADF4118 Datasheet HTML 10Page - Analog Devices ADF4118 Datasheet HTML 11Page - Analog Devices ADF4118 Datasheet HTML 12Page - Analog Devices ADF4118 Datasheet HTML 13Page - Analog Devices ADF4118 Datasheet HTML 14Page - Analog Devices ADF4118 Datasheet HTML 15Page - Analog Devices ADF4118 Datasheet HTML 16Page - Analog Devices ADF4118 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADF4116/ADF4117/ADF4118
–13–
REV. 0
Table V. AB Counter Latch Map
CURRENT SETTINGS
LDP
250 A
0
1
A5
X
X
•
•
X
X
A4
X
X
•
•
X
X
A3
0
0
•
•
1
1
A2
0
0
•
•
1
1
A1
0
1
•
•
0
1
A COUNTER
DIVIDE RATIO
0
1
•
•
6
7
B13
0
0
0
0
•
•
•
1
1
1
1
B12
0
0
0
0
•
•
•
1
1
1
1
B11
0
0
0
0
•
•
•
1
1
1
1
B3
B2
B1
B COUNTER DIVIDE RATIO
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
0
0
0
1
•
•
•
1
1
1
1
0
1
1
0
•
•
•
0
0
1
1
1
0
1
0
•
•
•
0
1
0
1
NOT ALLOWED
NOT ALLOWED
3
4
•
•
•
8188
8189
8190
8191
ADF4116
A5
0
0
0
•
•
1
1
1
A4
0
0
0
•
•
1
1
1
A3
0
0
0
•
•
1
1
1
A2
0
0
1
•
•
0
1
1
A1
0
1
0
•
•
1
0
1
A COUNTER
DIVIDE RATIO
0
1
2
•
•
29
30
31
ADF4117/ADF4118
1mA
N = BP + A, P IS PRESCALER VALUE. B MUST BE GREATER
THAN OR EQUAL TO A. FOR CONTINUOUSLY ADJACENT
VALUES OF NX FREF, NMIN IS (P
2-P).
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB10
G1
B13
B12
B11
B10
B9
B8
B7
B6
B5
B3
B2
B1
A5
A4
A3
A2
A1
C2 (0)
C1 (1)
B4
CONTROL
BITS
13-BIT B COUNTER
5-BIT A COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com