Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG508F Datasheet(PDF) 1 Page - Analog Devices

Part # ADG508F
Description  4/8 Channel Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508F Datasheet(HTML) 1 Page - Analog Devices

  ADG508F Datasheet HTML 1Page - Analog Devices ADG508F Datasheet HTML 2Page - Analog Devices ADG508F Datasheet HTML 3Page - Analog Devices ADG508F Datasheet HTML 4Page - Analog Devices ADG508F Datasheet HTML 5Page - Analog Devices ADG508F Datasheet HTML 6Page - Analog Devices ADG508F Datasheet HTML 7Page - Analog Devices ADG508F Datasheet HTML 8Page - Analog Devices ADG508F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2. ON channel turns off while fault exists.
3. Low RON.
4. Fast Switching Times.
5. Break-Before-Make Switching.
Switches are guaranteed break-before-make so that input
signals are protected against momentary shorting.
6. Trench Isolation Eliminates Latch-up.
A dielectric trench separates the p and n-channel MOSFETs
thereby preventing latch-up.
ORDERING GUIDE
Model
1
Temperature Range
Package Option
2
ADG508FBN
–40
°C to +85°C
N-16
ADG508FBRN
–40
°C to +85°C
R-16N
ADG508FBRW
–40
°C to +85°C
R-16W
ADG508FTQ
–55
°C to +125°C
Q-16
ADG509FBN
–40
°C to +85°C
N-16
ADG509FBRN
–40
°C to +85°C
R-16N
ADG509FBRW
–40
°C to +85°C
R-16W
ADG509FTQ
–55
°C to +125°C
Q-16
ADG528FBN
–40
°C to +85°C
N-18
ADG528FBP
–40
°C to +85°C
P-20A
ADG528FTQ
–55
°C to +125°C
Q-18
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to T grade part
numbers.
2N = Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip;
RN = 0.15" Small Outline IC (SOIC), RW = 0.3" Small Outline IC (SOIC).
FUNCTIONAL BLOCK DIAGRAMS
S1
S8
A0
D
ADG508F/ADG528F
A1 A2 EN
1 OF 8
DECODER
ADG528F
ONLY
WR
RS
S1A
A0
DA
ADG509F
A1
S4A
S1B
S4B
DB
EN
1 OF 4
DECODER
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG508F/ADG509F/ADG528F*
4/8 Channel Fault-Protected
Analog Multiplexers
*Patent Pending.
GENERAL DESCRIPTION
The ADG508F, ADG509F and ADG528F are CMOS analog
multiplexers, the ADG508F and ADG528F comprising eight
single channels and the ADG509F comprising four differential
channels. These multiplexers provide fault protection. Using a
series n-channel, p-channel, n-channel MOSFET structure,
both device and signal source protection is provided in the event
of an overvoltage or power loss. The multiplexer can withstand
continuous overvoltage inputs from –40 V to +55 V. During
fault conditions, the multiplexer input (or output) appears as an
open circuit and only a few nanoamperes of leakage current will
flow. This protects not only the multiplexer and the circuitry
driven by the multiplexer, but also protects the sensors or signal
sources that drive the multiplexer.
The ADG508F and ADG528F switch one of eight inputs to a
common output as determined by the 3-bit binary address lines
A0, A1 and A2. The ADG509F switches one of four differential
inputs to a common differential output as determined by the 2-
bit binary address lines A0 and A1. The ADG528F has on-chip
address and control latches that facilitate microprocessor inter-
facing. An EN input on each device is used to enable or disable
the device. When disabled, all channels are switched OFF.
PRODUCT HIGHLIGHTS
1. Fault Protection.
The ADG508F/ADG509F/ADG528F can withstand con-
tinuous voltage inputs from –40 V to +55 V. When a fault
occurs due to the power supplies being turned off, all the
channels are turned off and only a leakage current of a few
nanoamperes flows.
FEATURES
Low On Resistance (300
typ)
Fast Switching Times
tON 250 ns max
tOFF 250 ns max
Low Power Dissipation (3.3 mW max)
Fault and Overvoltage Protection (–40 V to +55 V)
All Switches OFF with Power Supply OFF
Analog Output of ON Channel Clamped Within Power
Supplies If an Overvoltage Occurs
Latch-Up Proof Construction
Break Before Make Construction
TTL and CMOS Compatible Inputs
APPLICATIONS
Existing Multiplexer Applications (Both Fault-Protected
and Nonfault-Protected)
New Designs Requiring Multiplexer Functions
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Similar Part No. - ADG508F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results

Similar Description - ADG508F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG438F AD-ADG438F Datasheet
127Kb / 8P
High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV.D
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Vishay Siliconix
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
11-Jun-07
logo
Analog Devices
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com