Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG802 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG802
Description  <0.5 ohm CMOS, Low Voltage, SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG802 Datasheet(HTML) 3 Page - Analog Devices

  ADG802 Datasheet HTML 1Page - Analog Devices ADG802 Datasheet HTML 2Page - Analog Devices ADG802 Datasheet HTML 3Page - Analog Devices ADG802 Datasheet HTML 4Page - Analog Devices ADG802 Datasheet HTML 5Page - Analog Devices ADG802 Datasheet HTML 6Page - Analog Devices ADG802 Datasheet HTML 7Page - Analog Devices ADG802 Datasheet HTML 8Page - Analog Devices ADG802 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
–3–
REV. PrE
ADG801/ADG802
PRELIMINARY TECHNICAL DATA
(VDD = 2.7 V to 3.6 V, VSS = GND = 0 V. All specifications –40°C to +125°C unless otherwise noted.)
–40oC to
–40oC to
Parameter
+25
oC
+85
oC
+125
oC
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD V
On Resistance (RON)
0.3
1
Ω typ
VS = 0 V to VDD, IS = –10 mA;
0.7
0.8
Ω max
Test Circuit 1
On-Resistance Flatness(RFLAT(ON)) 0.1
0.3
Ω typ
VS = 0 V to VDD, IS = –10 mA
LEAKAGE CURRENTS
VDD = +3.3 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V;
±0.5
±0.1
tbd
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V;
±0.5
±0.1
tbd
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON) ±0.01
nA typ
VS = VD = 1 V, or 3 V;
±0.5
±0.1
tbd
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.4
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
5
pF typ
DYNAMIC CHARACTERISTICS
2
tON
50
ns typ
RL = 50
Ω, C
L = 35 pF
TBD
TBD
ns max
VS = 1.5 V, Test Circuit 4
tOFF
40
ns typ
RL = 50 Ω, CL = 35 pF
TBD
TBD
ns max
VS = 1.5 V, Test Circuit 4
Charge Injection
±20
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, Test
Circuit 5
Off Isolation
–65
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz,
Test Circuit 6
Bandwidth –3 dB
30
MHz typ
RL = 50 Ω, CL = 5 pF, Test Circuit 7
CS (OFF)
55
pF typ
f = 1 MHz
CD (OFF)
55
pF typ
f = 1 MHz
CD, CS (ON)
110
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +3.3 V
I DD
0.001
µA typ
Digital Inputs = 0 V or 3.3 V
1.0
µA max
NOTES
1Temperature ranges are as follows: Extended Temperature Range: –40°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
SPECIFICATIONS1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com