Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG802 Datasheet (PDF) - Analog Devices

ADG802 Datasheet PDF - Analog Devices
Part # ADG802
Download  ADG802 Download
File Size   76.46 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description <0.5 ohm CMOS, Low Voltage, SPST Switches

ADG802 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG802 Datasheet PDF - Analog Devices

Part # ADG802
Download  ADG802 Click to download

File Size   76.46 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description <0.5 ohm CMOS, Low Voltage, SPST Switches

ADG802 Datasheet (HTML) - Analog Devices


ADG802 Product details

GENERAL DESCRIPTION
The ADG801 and ADG802 are monolithic CMOS, single-pole, single throw (SPST) switches with on resistance of less than 0.4 Ω. These switches are designed using an advanced submicron process that provides extremely low on resistance, high switching speed, and low leakage currents.
   
FEATURES
    0.4 Ω maximum on resistance at 125°C
    0.08 Ω maximum on resistance flatness at 125°C
    1.8 V to 5.5 V single supply
    Automotive temperature range from −40°C to +125°C
    400 mA current-carrying capability
    Tiny 6-lead SOT-23 and 8-lead MSOP packages
    35 ns switching times
    Low power consumption
    TTL-/CMOS-compatible inputs
    Pin compatible with ADG701/ADG702
   
APPLICATIONS
    Power routing
    Cellular phones
    Modems
    PCMCIA cards
    Hard drives
    Data acquisition systems
    Communications systems
    Relay replacement
    Battery-powered systems
   




Similar Part No. - ADG802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG802BRM AD-ADG802BRM Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRM-REEL AD-ADG802BRM-REEL Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRM-REEL7 AD-ADG802BRM-REEL7 Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRMZ AD-ADG802BRMZ Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG802BRMZ-REEL AD-ADG802BRMZ-REEL Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
More results


Similar Description - ADG802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
CMOS Low Voltage 2ohm SPST Switches
REV.A
ADG711 AD-ADG711 Datasheet
119Kb / 8P
CMOS Low Voltage 4 ohm Quad SPST Switches
REV.0
ADG721 AD-ADG721 Datasheet
204Kb / 8P
CMOS Low Voltage 4 ohm Dual SPST Switches
REV.0
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4626 MAXIM-MAX4626 Datasheet
143Kb / 8P
0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
CMOS Low Voltage 2 OHM SPST Switches
11/06-Revision 0
logo
Maxim Integrated Produc...
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com