Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG802 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG802
Description  <0.5 ohm CMOS, Low Voltage, SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG802 Datasheet(HTML) 4 Page - Analog Devices

  ADG802 Datasheet HTML 1Page - Analog Devices ADG802 Datasheet HTML 2Page - Analog Devices ADG802 Datasheet HTML 3Page - Analog Devices ADG802 Datasheet HTML 4Page - Analog Devices ADG802 Datasheet HTML 5Page - Analog Devices ADG802 Datasheet HTML 6Page - Analog Devices ADG802 Datasheet HTML 7Page - Analog Devices ADG802 Datasheet HTML 8Page - Analog Devices ADG802 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ADG801/ADG802
–4–
REV. PrE
PRELIMINARY TECHNICAL DATA
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADG801/ADG802 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS1
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Inputs
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
- 0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . or 30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . 400 mA
Peak Current, S or D
. . . . . . . . . . . . . . . . . . . . . . . . . 800 mA
(Pulsed at 1 ms, 10% Duty Cycle Max)
Operating Temperature Range
Extended . . . . . . . . . . . . . . . . . . . . . . . –40°C to +125°C
Storage Temperature Range . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150°C
µSOIC Package, Power Dissipation . . . . . . . . . . . 315 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . 206°C/W
θ
JC Thermal Impedance
. . . . . . . . . . . . . . . . . . . 44°C/W
SOT-23 Package, Power Dissipation . . . . . . . . . . 282 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . 229.6°C/W
θ
JC Thermal Impedance
. . . . . . . . . . . . . . . . . 91.99°C/W
Lead Temperature, Soldering (10seconds) . . . . . . . 300°C
IR Reflow, Peak Temperature . . . . . . . . . . . . . . . . . +220°C
ESD.....................................................................2kV
ORDERING GUIDE
Model
Temperature Range
Supply Option1 Brand1
Package Descriptions
Package Options
ADG801BRT
–40°C to +125°C
3 V, 5 V
S L B
SOT-23 (Plastic Surface Mount) RT-6
ADG801BRM
–40°C to +125°C
3 V, 5 V
S L B
µSOIC (Small Outline)
RM-8
ADG802BRT
–40°C to +125°C
3 V, 5 V
S M B
SOT-23 (Plastic Surface Mount) RT-6
ADG802BRM
–40°C to +125°C
3 V, 5 V
S M B
µSOIC (Small Outline)
RM-8
1Branding on SOT-23 and
µSOIC packages is limited to 3 characters due to space constraints.
NOTES
1Stresses above those listed under Absolute Maximum Ratings
may
cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above
those listed in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect device reliability. Only one absolute maximum rating may
be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
Table I. Truth Table
ADG801 In
ADG802 In
Switch Condition
0
1
OFF
10
ON
PIN CONFIGURATIONS
6-Lead Plastic Surface Mount (SOT-23)
(RT-6)
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
NC = NO CONNECT
D
S
GND
VDD
NC
IN
ADG801/
ADG802
8-Lead Small Outline
µµµµµSOIC
(RM-8)
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC = NO CONNECT
D
NC
NC
S
GND
IN
NC
VDD
ADG801/
ADG802



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com