Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADM1026EB Datasheet(PDF) 38 Page - Analog Devices

Part # EVAL-ADM1026EB
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1026EB Datasheet(HTML) 38 Page - Analog Devices

Back Button EVAL-ADM1026EB Datasheet HTML 34Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 35Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 36Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 37Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 38Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 39Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 40Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 41Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
ADM1026
Rev. A | Page 38 of 56
Hex
Address
Name
Power-On Value
Description
58
AIN0 Low Limit
00h
Low limit for AIN0 measurement
59
AIN1 Low Limit
00h
Low limit for AIN1 measurement
5A
AIN2 Low Limit
00h
Low limit for AIN2 measurement
5B
AIN3 Low Limit
00h
Low limit for AIN3 measurement
5C
AIN4 Low Limit
00h
Low limit for AIN4 measurement
5D
AIN5 Low Limit
00h
Low limit for AIN5 measurement
5E
AIN6 Low Limit
00h
Low limit for AIN6 measurement
5F
AIN7 Low Limit
00h
Low limit for AIN7 measurement
60
FAN0 High Limit
FFh
High limit for Fan 0 speed measurement (no low limit)
61
FAN1 High Limit
FFh
High limit for Fan 1 speed measurement (no low limit)
62
FAN2 High Limit
FFh
High limit for Fan 2 speed measurement (no low limit)
63
FAN3 High Limit
FFh
High limit for Fan 3 speed measurement (no low limit)
64
FAN4 High Limit
FFh
High limit for Fan 4 speed measurement (no low limit)
65
FAN5 High Limit
FFh
High limit for Fan 5 speed measurement (no low limit)
66
FAN6 High Limit
FFh
High limit for Fan 6 speed measurement (no low limit)
67
FAN7 High Limit
FFh
High limit for Fan 7 speed measurement (no low limit)
68
Int. Temp. High Limit
50h (80°C)
High limit for local temperature measurement
69
Int. Temp. Low Limit
80h
Low limit for local temperature measurement
6A
VBAT High Limit
FFh
High limit for VBAT measurement
6B
VBAT Low Limit
00h
Low limit for VBAT measurement
6C
AIN8 High Limit
FFh
High limit for AIN8 measurement
6D
AIN8 Low Limit
00h
Low limit for AIN8 measurement
6E
Ext1 Temp Offset
00h
Offset register for Remote Temperature Channel 1
6F
Ext2 Temp Offset
00h
Offset register for Remote Temperature Channel 2
DETAILED REGISTER DESCRIPTIONS
Table 13. Register 00h, Configuration Register 1 (Power-On Default 00h)
Bit
Name
R/W
Description
0
Monitor = 0
R/W
When this bit is set the ADM1026 monitors all voltage, temperature and fan channels in a round
robin manner.
1
Int Enable = 0
R/W
When this bit is set, the INT output pin is enabled.
2
Int Clear = 0
R/W
Setting this bit clears an interrupt from the voltage, temperature or fan speed channels. Because
GPIO interrupts are level triggered, this bit has no effect on interrupts originating from GPIO
channels. This bit is cleared by writing a 0 to it. If in monitoring mode voltages, temperatures and
fan speeds continue to be monitored after writing to this bit to clear an interrupt, so an interrupt
may be set again on the next monitoring cycle.
3
Enable Voltage/Ext2 = 0
R/W
When this bit is 1, the ADM1026 monitors voltage (AIN8 and AIN9) on Pins 28 and 27, respectively.
When this bit is 0, the ADM1026 monitors a second thermal diode temperature channel, D2, on
these pins. If the second thermal diode channel is not being used, it is recommended that the bit
be set to 1.
4
Enable THERM = 0
R/W
When this bit is 1, the THERM pin (Pin 42) is asserted (go low) if any of the THERM limits are
exceeded. If THERM is pulled low as an input, the DAC and PWM outputs are forced to full scale
until THERM is taken high.
5
Enable DAC AFC = 0
R/W
When this bit is 1, the DAC output is enabled for automatic fan speed control (AFC) based on
temperature. When this bit is 0, the DAC Output reflects the value in Reg 04h, the DAC Control
Register.
6
Enable PWM AFC = 0
R/W
When this bit is 1, the PWM output is enabled for automatic fan speed control (AFC) based on
temperature. When this bit is 0, the PWM Output reflects the value in Reg 05h, the PWM Control
Register.
7
Software Reset = 0
R/W
Writing a 1 to this bit restores all registers to the power-on defaults. This bit is cleared by writing a
0 to it. For more info, see the Software Reset Function section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com