Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADM1026EB Datasheet(PDF) 46 Page - Analog Devices

Part # EVAL-ADM1026EB
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1026EB Datasheet(HTML) 46 Page - Analog Devices

Back Button EVAL-ADM1026EB Datasheet HTML 42Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 43Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 44Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 45Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 46Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 47Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 48Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 49Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
ADM1026
Rev. A | Page 46 of 56
Table 49. Register 24h, Status Register 5 (Power-On Default 00h)
Bit
Name
R/W1
Description
0
GPIO0 Status = 0
R
When GPIO0 is configured as an input, this bit is set when GPIO0 is asserted. (Asserted may be
active high or active low depending on setting of Bit 1 in GPIO Configuration Register 1.)
R/W
When GPIO0 is configured as an output, setting this bit asserts GPIO0. (Asserted may be active high
or active low depending on setting of Bit 1 in GPIO Configuration Register 1.)
1
GPIO1 Status = 0
R
When GPIO1 is configured as an input, this bit is set when GPIO1 is asserted. (Asserted may be
active high or active low depending on setting of Bit 3 in GPIO Configuration Register 1.)
R/W
When GPIO1 is configured as an output, setting this bit asserts GPIO1. (Asserted may be active high
or active low depending on setting of Bit 3 in GPIO Configuration Register 1.)
2
GPIO2 Status = 0
R
When GPIO2 is configured as an input, this bit is set when GPIO2 is asserted. (Asserted may be
active high or active low depending on setting of Bit 5 in GPIO Configuration Register 1.)
R/W
When GPIO2 is configured as an output, setting this bit asserts GPIO2. (Asserted may be active high
or active low depending on setting of Bit 5 in GPIO Configuration Register 1.)
3
GPIO3 Status = 0
R
When GPIO3 is configured as an input, this bit is set when GPIO3 is asserted. (Asserted may be
active high or active low depending on setting of Bit 7 in GPIO Configuration Register 1.)
R/W
When GPIO3 is configured as an output, setting this bit asserts GPIO3. (Asserted may be active high
or active low depending on setting of Bit 7 in GPIO Configuration Register 1.)
4
GPIO4 Status = 0
R
When GPIO4 is configured as an input, this bit is set when GPIO4 is asserted. (Asserted may be
active high or active low depending on setting of Bit 1 in GPIO Configuration Register 2.)
R/W
When GPIO4 is configured as an output, setting this bit asserts GPIO4. (Asserted may be active high
or active low depending on setting of Bit 1 in GPIO Configuration Register 2.)
5
GPIO5 Status = 0
R
When GPIO5 is configured as an input, this bit is set when GPIO5 is asserted. (Asserted may be
active high or active low depending on setting of Bit 3 in GPIO Configuration Register 2.)
R/W
When GPIO5 is configured as an output, setting this bit asserts GPIO5. (Asserted may be active high
or active low depending on setting of Bit 3 in GPIO Configuration Register 2.)
6
GPIO6 Status = 0
R
When GPIO6 is configured as an input, this bit is set when GPIO6 is asserted. (Asserted may be
active high or active low depending on setting of Bit 5 in GPIO Configuration Register 2.)
R/W
When GPIO6 is configured as an output, setting this bit asserts GPIO6. (Asserted may be active high
or active low depending on setting of Bit 5 in GPIO Configuration Register 2.)
7
GPIO7 Status = 0
R
When GPIO7 is configured as an input, this bit is set when GPIO7 is asserted. (Asserted may be
active high or active low depending on setting of Bit 7 in GPIO Configuration Register 2.)
R/W
When GPIO7 is configured as an output, setting this bit asserts GPIO7. (Asserted may be active high
or active low depending on setting of Bit 7 in GPIO Configuration Register 2.)
1 GPIO status bits can be written only when a GPIO pin is configured as output. Read-only otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com