Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADM1026EB Datasheet(PDF) 39 Page - Analog Devices

Part # EVAL-ADM1026EB
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM1026EB Datasheet(HTML) 39 Page - Analog Devices

Back Button EVAL-ADM1026EB Datasheet HTML 35Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 36Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 37Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 38Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 39Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 40Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 41Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 42Page - Analog Devices EVAL-ADM1026EB Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ADM1026
Rev. A | Page 39 of 56
Table 14. Register 01h, Configuration Register 2 (Power-On Default 00h)
Bit
Name
R/W
Description
0
Enable GPIO0/Fan0 = 0
R/W
When this bit is 1, Pin 3 is enabled as a general-purpose I/O pin (GPIO0), otherwise it is a fan tach
measurement input (Fan 0).
1
Enable GPIO1/Fan1 = 0
R/W
When this bit is 1, Pin 4 is enabled as a general-purpose I/O pin (GPIO1), otherwise it is a fan tach
measurement input (Fan 1).
2
Enable GPIO2/Fan2 = 0
R/W
When this bit is 1, Pin 5 is enabled as a general-purpose I/O pin (GPIO2), otherwise it is a fan tach
measurement input (Fan 2).
3
Enable GPIO3/Fan3 = 0
R/W
When this bit is 1, Pin 6 is enabled as a general-purpose I/O pin (GPIO3), otherwise it is a fan tach
measurement input (Fan 3).
4
Enable GPIO4/Fan4 = 0
R/W
When this bit is 1, Pin 9 is enabled as a general-purpose I/O pin (GPIO4), otherwise it is a fan tach
measurement input (Fan 4).
5
Enable GPIO5/Fan5 = 0
R/W
When this bit is 1, Pin 10 is enabled as a general-purpose I/O pin (GPIO5), otherwise it is a fan tach
measurement input (Fan 5).
6
Enable GPIO6/Fan6 = 0
R/W
When this bit is 1, Pin 11 is enabled as a general-purpose I/O pin (GPIO6), otherwise it is a fan tach
measurement input (Fan 6).
7
Enable GPIO7/Fan7 = 0
R/W
When this bit is 1, Pin 12 is enabled as a general-purpose I/O pin (GPIO7), otherwise it is a fan tach
measurement input (Fan 7).
Table 15. Register 02h, Fans 0 to 3 Fan Divisor Register (Power-On Default 55h)
Bit
Name
R/W
Description
1–0
Fan 0 Divisor
R/W
Sets the oscillator prescaler division ratio for Fan 0 speed measurement. The division ratios, oscillator
frequencies, and typical fan speeds (based on 2 tach pulses per revolution) are as follows:
Code
Divide By
Oscillator
Frequency (kHz)
Fan Speed (RPM)
00
1
22.5
8800, nominal, for count of 153
01
2
11.25
4400, nominal, for count of 153
10
4
5.62
2200, nominal, for count of 153
11
8
2.81
1100, nominal, for count of 153
3–2
Fan 1 Divisor
R/W
Same as Fan 0
5–4
Fan 2 Divisor
R/W
Same as Fan 0
7–6
Fan 3 Divisor
R/W
Same as Fan 0
Table 16. Register 03h, Fans 4 to 7 Fan Divisor Register (Power-On Default 55h)
Bit
Name
R/W
Description
1–0
Fan 4 Divisor
R/W
Sets the oscillator prescaler division ratio for Fan 4 speed measurement. The division ratios, oscillator
frequencies, and typical fan speeds (based on 2 tach pulses per revolution) are as follows:
Code
Divide By
Oscillator
Frequency (kHz)
Fan Speed (RPM)
00
1
22.5
8800, nominal, for count of 153
01
2
11.25
4400, nominal, for count of 153
10
4
5.62
2200, nominal, for count of 153
11
8
2.81
1100, nominal, for count of 153
3-2
Fan 5 Divisor
R/W
Same as Fan 4
5-4
Fan 6 Divisor
R/W
Same as Fan 4
7-6
Fan 7 Divisor
R/W
Same as Fan 4
Table 17. Register 04h, DAC Control Register (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
DAC Control
R/W
This register contains the value to which the fan speed DAC is programmed in normal mode, or the
4 MSBs contain the minimum fan speed in auto fan speed control mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com