Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1485 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1485
Description  -5 V Low Power EIA RS-485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485 Datasheet(HTML) 6 Page - Analog Devices

  ADM1485 Datasheet HTML 1Page - Analog Devices ADM1485 Datasheet HTML 2Page - Analog Devices ADM1485 Datasheet HTML 3Page - Analog Devices ADM1485 Datasheet HTML 4Page - Analog Devices ADM1485 Datasheet HTML 5Page - Analog Devices ADM1485 Datasheet HTML 6Page - Analog Devices ADM1485 Datasheet HTML 7Page - Analog Devices ADM1485 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADM1485–Typical Performance Characteristics
REV. A
–6–
TEMPERATURE – C
5
4
0
–50
3
2
1
–25
0
25
50
75
100
125
Figure 20. Receiver tPLH–tPHL vs.
Temperature
10
0%
100
90
5ns
500mV
500mV
Figure 23. Loaded Driver
Differential Outputs
RT
RT
D
R
DD
RR
D
R
Figure 26. Typical RS-485 Network
TEMPERATURE – C
1.0
–50
0.9
0.8
0.7
0.6
0.5
0.4
–25
0
25
50
75
100
125
Figure 21. Driver Skew vs.
Temperature
10
0%
100
90
HO
1V
1V
5
5
10ns
Figure 24. Driver/Receiver Propaga-
tion Delays Low to High
10
0%
100
90
5ns
1V
1V
Figure 22. Unloaded Driver
Differential Outputs
10
0%
100
90
HO
1V
1V
5
5
10ns
Figure 25. Driver/Receiver Propaga-
tion Delays High to Low



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com