Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1485 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1485
Description  -5 V Low Power EIA RS-485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485 Datasheet(HTML) 1 Page - Analog Devices

  ADM1485 Datasheet HTML 1Page - Analog Devices ADM1485 Datasheet HTML 2Page - Analog Devices ADM1485 Datasheet HTML 3Page - Analog Devices ADM1485 Datasheet HTML 4Page - Analog Devices ADM1485 Datasheet HTML 5Page - Analog Devices ADM1485 Datasheet HTML 6Page - Analog Devices ADM1485 Datasheet HTML 7Page - Analog Devices ADM1485 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+5 V Low Power
EIA RS-485 Transceiver
ADM1485
FUNCTIONAL BLOCK DIAGRAM
8-Lead
ADM1485
R
D
RO
RE
DE
DI
VCC
B
A
GND
FEATURES
Meets EIA RS-485 Standard
30 Mb/s Data Rate
Single +5 V Supply
–7 V to +12 V Bus Common-Mode Range
High Speed, Low Power BiCMOS
Thermal Shutdown Protection
Short Circuit Protection
Zero Skew Driver
Driver Propagation Delay: 10 ns
Receiver Propagation Delay: 25 ns
High Z Outputs with Power Off
Superior Upgrade for LTC1485
APPLICATIONS
Low Power RS-485 Systems
DTE-DCE Interface
Packet Switching
Local Area Networks
Data Concentration
Data Multiplexers
Integrated Services Digital Network (ISDN)
GENERAL DESCRIPTION
The ADM1485 is a differential line transceiver suitable for high
speed bidirectional data communication on multipoint bus
transmission lines. It is designed for balanced data transmission
and complies with both EIA Standards RS-485 and RS-422.
The part contains a differential line driver and a differential line
receiver. Both the driver and the receiver may be enabled inde-
pendently. When disabled, the outputs are tristated.
The ADM1485 operates from a single +5 V power supply.
Excessive power dissipation caused by bus contention or by
output shorting is prevented by a thermal shutdown circuit.
This feature forces the driver output into a high impedance state
if during fault conditions a significant temperature increase is
detected in the internal driver circuitry.
Up to 32 transceivers may be connected simultaneously on a
bus, but only one driver should be enabled at any time. It is
important therefore that the remaining disabled drivers do not
load the bus. To ensure this, the ADM1485 driver features high
output impedance when disabled and also when powered down.
This minimizes the loading effect when the transceiver is not
being utilized. The high impedance driver output is maintained
over the entire common-mode voltage range from –7 V to +12 V.
The receiver contains a fail safe feature which results in a logic
high output state if the inputs are unconnected (floating).
The ADM1485 is fabricated on BiCMOS, an advanced mixed
technology process combining low power CMOS with fast
switching bipolar technology. All inputs and outputs contain
protection against ESD; all driver outputs feature high source
and sink current capability. An epitaxial layer is used to guard
against latch-up.
The ADM1485 features extremely fast switching speeds. Mini-
mal driver propagation delays permit transmission at data rates
up to 30 Mbits/s while low skew minimizes EMI interference.
The part is fully specified over the commercial and industrial
temperature range and is available in an 8-lead DIL/SOIC
package.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - ADM1485

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
ADM1485ANZ AD-ADM1485ANZ Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
ADM1485ANZ AD-ADM1485ANZ Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
ADM1485ARMZ AD-ADM1485ARMZ Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
ADM1485ARMZ AD-ADM1485ARMZ Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
More results

Similar Description - ADM1485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
5 V Low Power RS-485 PROFIBUS Transceiver
REV.B
ADM485 AD-ADM485 Datasheet
133Kb / 8P
5 V Low Power EIA RS-485 Transceiver
REV.A
ADM1485 AD-ADM1485_12 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_15 Datasheet
607Kb / 16P
5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485_V01 Datasheet
356Kb / 11P
5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_V01 Datasheet
606Kb / 16P
5 V Low Power EIA RS-485 Transceiver
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com