Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1485 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1485
Description  -5 V Low Power EIA RS-485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485 Datasheet(HTML) 7 Page - Analog Devices

  ADM1485 Datasheet HTML 1Page - Analog Devices ADM1485 Datasheet HTML 2Page - Analog Devices ADM1485 Datasheet HTML 3Page - Analog Devices ADM1485 Datasheet HTML 4Page - Analog Devices ADM1485 Datasheet HTML 5Page - Analog Devices ADM1485 Datasheet HTML 6Page - Analog Devices ADM1485 Datasheet HTML 7Page - Analog Devices ADM1485 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADM1485
REV. A
–7–
APPLICATIONS INFORMATION
Differential Data Transmission
Differential data transmission is used to reliably transmit data at
high rates over long distances and through noisy environments.
Differential transmission nullifies the effects of ground shifts and
noise signals which appear as common-mode voltages on the
line. There are two main standards approved by the Electronics
Industries Association (EIA) which specify the electrical charac-
teristics of transceivers used in differential data transmission.
The RS-422 standard specifies data rates up to 10 MBaud and
line lengths up to 4000 ft. A single driver can drive a transmis-
sion line with up to 10 receivers.
In order to cater for true multipoint communications, the
RS-485 standard was defined. This standard meets or exceeds
all the requirements of RS-422 but also allows for up to 32
drivers and 32 receivers to be connected to a single bus. An
extended common-mode range of –7 V to +12 V is defined. The
most significant difference between RS-422 and RS-485 is the
fact that the drivers may be disabled thereby allowing more than
one (32 in fact) to be connected to a single line. Only one driver
should be enabled at time, but the RS-485 standard contains
additional specifications to guarantee device safety in the event
of line contention.
Cable and Data Rate
The transmission line of choice for RS-485 communications is a
twisted pair. Twisted pair cable tends to cancel common-mode
noise and also causes cancellation of the magnetic fields gener-
ated by the current flowing through each wire, thereby, reducing
the effective inductance of the pair.
The ADM1485 is designed for bidirectional data communica-
tions on multipoint transmission lines. A typical application
showing a multipoint transmission network is illustrated in
Figure 26. An RS-485 transmission line can have as many as 32
transceivers on the bus. Only one driver can transmit at a par-
ticular time but multiple receivers may be enabled simultaneously.
As with any transmission line, it is important that reflections are
minimized. This may be achieved by terminating the extreme
ends of the line using resistors equal to the characteristic im-
pedance of the line. Stub lengths of the main line should also be
kept as short as possible. A properly terminated transmission
line appears purely resistive to the driver.
Thermal Shutdown
The ADM1485 contains thermal shutdown circuitry which
protects the part from excessive power dissipation during fault
conditions. Shorting the driver outputs to a low impedance
source can result in high driver currents. The thermal sensing
circuitry detects the increase in die temperature and disables the
driver outputs. The thermal sensing circuitry is designed to
disable the driver outputs when a die temperature of 150
°C is
reached. As the device cools, the drivers are re-enabled at
140
°C.
Propagation Delay
The ADM1485 features very low propagation delay ensuring
maximum baud rate operation. The driver is well balanced
ensuring distortion free transmission.
Another important specification is a measure of the skew be-
tween the complementary outputs. Excessive skew impairs the
noise immunity of the system and increases the amount of elec-
tromagnetic interference (EMI).
Receiver Open-Circuit Fail Safe
The receiver input includes a fail-safe feature which guarantees
a logic high on the receiver when the inputs are open circuit or
floating.
Table III. Comparison of RS-422 and RS-485 Interface Standards
Specification
RS-422
RS-485
Transmission Type
Differential
Differential
Maximum Cable Length
4000 ft.
4000 ft.
Minimum Driver Output Voltage
±2 V
±1.5 V
Driver Load Impedance
100
Ω
54
Ω
Receiver Input Resistance
4 k
Ω min
12 k
Ω min
Receiver Input Sensitivity
±200 mV
±200 mV
Receiver Input Voltage Range
–7 V to +7 V
–7 V to +12 V
No of Drivers/Receivers Per Line
1/10
32/32



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com