Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM483E Datasheet(PDF) 1 Page - Analog Devices

Part # ADM483E
Description  -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483E Datasheet(HTML) 1 Page - Analog Devices

  ADM483E Datasheet HTML 1Page - Analog Devices ADM483E Datasheet HTML 2Page - Analog Devices ADM483E Datasheet HTML 3Page - Analog Devices ADM483E Datasheet HTML 4Page - Analog Devices ADM483E Datasheet HTML 5Page - Analog Devices ADM483E Datasheet HTML 6Page - Analog Devices ADM483E Datasheet HTML 7Page - Analog Devices ADM483E Datasheet HTML 8Page - Analog Devices ADM483E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM483E
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
15 kV ESD Protected, EMC Compliant
Slew Rate Limited, EIA RS-485 Transceiver
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Robust RS-485 Transceiver
15 kV ESD Protection Using HBM
2 kV EFT Protection Meets IEC1000-4-4
High EM Immunity Meets IEC1000-4-3
Reduced Slew Rate for Low EM Interference
250 kbps Data Rate
Single +5 V
10% Supply
–7 V to +12 V Bus Common-Mode Range
12 k
Input Impedance
Short Circuit Protection
Excellent Noise Immunity
36
A Supply Current
0.1
A Shutdown Current
APPLICATIONS
Low Power RS-485 Systems
Electrically Harsh Environments
EMI Sensitive Applications
DTE-DCE Interface
Packet Switching
Local Area Networks
D
R
A
B
DI
DE
RE
RO
ADM483E
GENERAL DESCRIPTION
The ADM483E is a robust, low power differential line trans-
ceiver suitable for communication on multipoint bus transmis-
sion lines. Internal protection against electrostatic discharge
(ESD), electrical fast transient (EFT) and electromagnetic
immunity (EMI) allows operation in electrically harsh environ-
ments. ESD protection on the I-O lines meets
± 15 kV when
tested using the Human Body Model. EFT protection meets
±2 kV in accordance with IEC1000-4-4, while EMI immunity is
in excess of 10 V/m meeting IEC1000-4-3.
The level of unwanted emissions is also carefully controlled
using slew limiting on the driver outputs. This reduces reflec-
tions with improperly terminated cables and also minimizes
electromagnetic interference. The controlled slew rate limits the
data rate to 250 kbps.
The ADM483E is intended for balanced data transmission and
complies with both EIA Standards RS-485 and RS-422. It
contains a differential line driver and a differential line receiver
and is suitable for half duplex data transmission, as the driver
and receiver share the same differential pins.
The input impedance on the ADM483E is 12 k
Ω, allowing up
to 32 transceivers on the bus.
The ADM483E operates from a single +5 V
± 10% power sup-
ply. Excessive power dissipation caused by bus contention or by
output shorting is prevented by a thermal shutdown circuit. This
feature forces the driver output into a high impedance state if,
during fault conditions, a significant temperature increase is
detected in the internal driver circuitry.
The receiver contains a fail-safe feature that results in a logic
high output state if the inputs are unconnected (floating).
The ADM483E is fabricated on BiCMOS, an advanced mixed
technology process combining low power CMOS with robust
bipolar technology.
It is fully specified over the industrial temperature range and is
available in 8-lead DIP and SOIC packages.


Similar Part No. - ADM483E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483E AD-ADM483E Datasheet
363Kb / 16P
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
15,-15 kV ESD Protected, Slew Rate
REV. A
ADM483EAR AD-ADM483EAR Datasheet
363Kb / 16P
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
378Kb / 16P
15,-15 kV ESD Protected, Slew Rate
REV. A
More results

Similar Description - ADM483E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV.A
ADM483EARZ AD-ADM483EARZ Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
15,-15 kV ESD Protected, Slew Rate
REV. A
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Analog Devices
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com