Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM488
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM488 Datasheet HTML 4Page - Analog Devices ADM488 Datasheet HTML 5Page - Analog Devices ADM488 Datasheet HTML 6Page - Analog Devices ADM488 Datasheet HTML 7Page - Analog Devices ADM488 Datasheet HTML 8Page - Analog Devices ADM488 Datasheet HTML 9Page - Analog Devices ADM488 Datasheet HTML 10Page - Analog Devices ADM488 Datasheet HTML 11Page - Analog Devices ADM488 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM488/ADM489
–10–
REV. 0
The ADM488/ADM489 comfortably meets Classification 1 at
the most stringent (Level 3) requirement. In fact, field strengths
up to 30 V/m showed no performance degradation and error-
free data transmission continued even during irradiation.
Table IV.
Level
V/m
Field Strength
11
23
310
EMI EMISSIONS
The ADM488/ADM489 contains internal slew rate limiting in
order to minimize the level of electromagnetic interference
generated. Figure 22 shows an FFT plot when transmitting a
150 kHz data stream.
10
0%
100
90
10dB/DIV
500kHz/DIV
0
5MHz
Figure 22. Driver Output Waveform and FFT Plot Trans-
mitting @ 150 kHz
As may be seen, the slew limiting attenuates the high frequency
components. EMI is therefore reduced, as are reflections due to
improperly terminated cables.
EN55022, CISPR22 defines the permitted limits of radiated
and conducted interference from Information Technology
Equipment (ITE).
The objective is to control the level of emissions, both con-
ducted and radiated.
For ease of measurement and analysis, conducted emissions are
assumed to predominate below 30 MHz, while radiated emis-
sions predominate above this frequency.
CONDUCTED EMISSIONS
This is a measure of noise that is conducted onto the mains
power supply. The noise is measured using a LISN (Linc Im-
pedance Stabilizing Network) and a spectrum analyzer. The test
setup is illustrated in Figure 23. The spectrum analyzer is set to
scan the spectrum from 0 MHz to 30 MHz. Figure 24 shows
that the level of conducted emissions from the ADM488/
ADM489 are well below the allowable limits.
SPECTRUM
ANALYZER
DUT
LISN
PSU
Figure 23. Conducted Emissions Test Setup
LOG FREQUENCY (0.15–30) – MHz
0.3
0.6
13
6
10
30
80
0
70
40
30
20
10
60
50
LIMIT
Figure 24. Conducted Emissions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com