Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM488
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488 Datasheet(HTML) 4 Page - Analog Devices

  ADM488 Datasheet HTML 1Page - Analog Devices ADM488 Datasheet HTML 2Page - Analog Devices ADM488 Datasheet HTML 3Page - Analog Devices ADM488 Datasheet HTML 4Page - Analog Devices ADM488 Datasheet HTML 5Page - Analog Devices ADM488 Datasheet HTML 6Page - Analog Devices ADM488 Datasheet HTML 7Page - Analog Devices ADM488 Datasheet HTML 8Page - Analog Devices ADM488 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM488/ADM489
–4–
REV. 0
ADM488 PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1VCC
Power Supply, 5 V
± 10%.
2
RO
Receiver Output. When A > B by 200 mV,
RO = high. If A < B by 200 mV, RO = low.
3
DI
Driver Input. A logic Low on DI forces Y low
and Z high while a logic High on DI forces Y
high and Z low.
4
GND
Ground Connection, 0 V
5
Y
Noninverting Driver, Output Y
6
Z
Inverting Driver, Output Z
7
B
Inverting Receiver Input B
8
A
Noninverting Receiver Input A
ADM489 PIN FUNCTION DESCRIPTIONS
DIP/SOIC
TSSOP
Pin
Pin
Mnemonic Function
1, 8, 13
2, 9, 10,
NC
No Connect. No connections
13, 16
are required to this pin.
2
3
RO
Receiver Output. When
enabled if A > B by 200 mV
then RO = high. If A < B by
200 mV then RO = low.
34
RE
Receiver Output Enable. A
low level enables the receiver
output, RO. A high level
places it in a high impedance
state.
4
5
DE
Driver Output Enable. A
high level enables the driver
differential outputs, Y and Z.
A low level places it in a high
impedance state.
5
6
DI
Driver Input. When the
driver is enabled, a logic Low
on DI forces Y low and Z
high, while a logic High on
DI forces Y high and Z low.
6, 7
7, 8
GND
Ground Connection, 0 V
9
11
Y
Noninverting Driver
Output Y
10
12
Z
Inverting Driver Output Z
11
14
B
Inverting Receiver Input B
12
15
A
Noninverting Receiver
Input A
14
1
VCC
Power Supply, 5 V
± 10%.
PIN CONFIGURATIONS
8-Lead DIP/SO
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM488
VCC
Y
Z
B
A
RO
DI
GND
14-Lead DIP/SO
14
13
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NC
B
A
NC
VCC
RO
RE
DE
ADM489
NC
Y
Z
DI
GND
GND
16-Lead TSSOP
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
ADM489
NC = NO CONNECT
VCC
NC
B
A
NC
NC
RO
RE
NC
Y
Z
DE
DI
GND
GND
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com