Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM488
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM488 Datasheet HTML 4Page - Analog Devices ADM488 Datasheet HTML 5Page - Analog Devices ADM488 Datasheet HTML 6Page - Analog Devices ADM488 Datasheet HTML 7Page - Analog Devices ADM488 Datasheet HTML 8Page - Analog Devices ADM488 Datasheet HTML 9Page - Analog Devices ADM488 Datasheet HTML 10Page - Analog Devices ADM488 Datasheet HTML 11Page - Analog Devices ADM488 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADM488/ADM489
–11–
REV. 0
Table V. Comparison of RS-422 and RS-485 Interface Standards
Specification
RS-422
RS-485
Transmission Type
Differential
Differential
Maximum Data Rate
10 MB/s
10 MB/s
Maximum Cable Length
4000 ft.
4000 ft.
Minimum Driver Output Voltage
±2 V
±1.5 V
Driver Load Impedance
100
Ω
54
Ω
Receiver Input Resistance
4 k
Ω min
12 k
Ω min
Receiver Input Sensitivity
±200 mV
±200 mV
Receiver Input Voltage Range
–7 V to +7 V
–7 V to +12 V
Number of Drivers/Receivers Per Line
1/10
32/32
D
R
D
R
DD
RR
RT
RT
Figure 25. Typical RS-485 Network
APPLICATIONS INFORMATION
Differential Data Transmission
Differential data transmission is used to reliably transmit data
at high rates over long distances and through noisy environ-
ments. Differential transmission nullifies the effects of ground
shifts and noise signals, which appear as common-mode volt-
ages on the line. Two main standards are approved by the
Electronics Industries Association (EIA), which specify the
electrical characteristics of transceivers used in differential
data transmission.
The RS-422 standard specifies data rates up to 10 MBaud and
line lengths up to 4000 ft. A single driver can drive a transmis-
sion line with up to 10 receivers.
In order to cater to true multipoint communications, the RS-
485 standard was defined. This standard meets or exceeds all
the requirements of RS-422 and also allows for up to 32 drivers
and 32 receivers to be connected to a single bus. An extended
common-mode range of –7 V to +12 V is defined. The most
significant difference between RS-422 and RS-485 is the fact
that the drivers may be disabled thereby allowing more than
one (32, in fact) to be connected to a single line. Only one
driver should be enabled at a time but the RS-485 standard
contains additional specifications to guarantee device safety in
the event of line contention.
Cable and Data Rate
The transmission line of choice for RS-485 communications is a
twisted pair. Twisted pair cable tends to cancel common mode
noise and also causes cancellation of the magnetic fields gener-
ated by the current flowing through each wire, thereby reducing
the effective inductance of the pair.
The ADM488/ADM489 is designed for bidirectional data com-
munications on multipoint transmission lines. A typical applica-
tion showing a multipoint transmission network is illustrated in
Figure 25. An RS-485 transmission line can have as many as
32 transceivers on the bus. Only one driver can transmit at
a particular time but multiple receivers may simultaneously
be enabled.
As with any transmission line, it is important that reflections are
minimized. This may be achieved by terminating the extreme
ends of the line using resistors equal to the characteristic imped-
ance of the line. Stub lengths of the main line should also be
kept as short as possible. A properly terminated transmission
line appears purely resistive to the driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com