Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM708ARM Datasheet(PDF) 7 Page - Analog Devices

Part # ADM708ARM
Description  Low Cost uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708ARM Datasheet(HTML) 7 Page - Analog Devices

  ADM708ARM Datasheet HTML 1Page - Analog Devices ADM708ARM Datasheet HTML 2Page - Analog Devices ADM708ARM Datasheet HTML 3Page - Analog Devices ADM708ARM Datasheet HTML 4Page - Analog Devices ADM708ARM Datasheet HTML 5Page - Analog Devices ADM708ARM Datasheet HTML 6Page - Analog Devices ADM708ARM Datasheet HTML 7Page - Analog Devices ADM708ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADM705–ADM708
REV. B
–7–
If, in the event of inactivity on the WDI line, a system reset is
required, then the
WDO output should be connected to the MR
input as shown in Figure 16.
ADM705/
ADM706
RESET
GND
I/O LINE
P
MR
WDI
WDO
RESET
Figure 16.
RESET from WDO
Monitoring Additional Supply Levels
It is possible to use the power-fail comparator to monitor a
second supply as shown in Figure 17. The two sensing resistors,
R1 and R2, are selected so that the voltage on PFI drops below
1.25 V at the minimum acceptable input supply. The
PFO
output may be connected to the
MR input so that a RESET is
generated when the supply drops out of tolerance. In this case, if
either supply drops out of tolerance, a
RESET will be generated.
ADM705/
ADM706
RESET
GND
P
MR
PFI
PFO
RESET
VCC
R1
R2
VX
5V
Figure 17. Monitoring 5 V and an Additional Supply, VX
Ps With Bidirectional
RESET
In order to prevent contention for microprocessors with a bidi-
rectional reset line, a current limiting resistor should be inserted
between the ADM70x
RESET output pin and the
µP reset pin.
This will limit the current to a safe level if there are conflicting
output reset levels. A suitable resistor value is 4.7 k
Ω. If the
reset output is required for other uses, it should be buffered as
shown in Figure 18.
ADM70x
RESET
GND
P
RESET
GND
BUFFERED
RESET
5V
VCC
Figure 18. Bidirectional I-O
RESET
APPLICATIONS
A Typical Operating Circuit is shown in Figure 15. The unregu-
lated dc input supply is monitored using the PFI input via the
resistive divider network. Resistors R1 and R2 should be selected
so that when the supply voltage drops below the desired level
(e.g., 8 V), the voltage on PFI drops below the 1.25 V threshold
thereby generating an interrupt to the
µP. Monitoring the pre-
regulator input gives additional time to execute an orderly
shutdown procedure before power is lost.
ADM705/
ADM706
RESET
GND
P
MR
PFI
WDI
PFO
RESET
VCC
5V
WDO
VCC
UNREGULATED
DC
I/O LINE
INTERRUPT
NMI
MANUAL
RESET
GND
IN
OUT
ADM666
R1
R2
Figure 15. Typical Application Circuit
Microprocessor activity is monitored using the WDI input. This
is driven using an output line from the processor. The software
routines should toggle this line at least once every 1.6 seconds.
If a problem occurs and this line is not toggled,
WDO goes low
and a nonmaskable interrupt is generated. This interrupt rou-
tine may be used to clear the problem.
4V
VCC
5V
2 s/DIV
0V
5V
RESET
TA = 25 C
Figure 14. ADM705/ADM707
RESET Response Time



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com