Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM708ARM Datasheet(PDF) 3 Page - Analog Devices

Part # ADM708ARM
Description  Low Cost uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708ARM Datasheet(HTML) 3 Page - Analog Devices

  ADM708ARM Datasheet HTML 1Page - Analog Devices ADM708ARM Datasheet HTML 2Page - Analog Devices ADM708ARM Datasheet HTML 3Page - Analog Devices ADM708ARM Datasheet HTML 4Page - Analog Devices ADM708ARM Datasheet HTML 5Page - Analog Devices ADM708ARM Datasheet HTML 6Page - Analog Devices ADM708ARM Datasheet HTML 7Page - Analog Devices ADM708ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADM705–ADM708
REV. B
–3–
PIN FUNCTION DESCRIPTION
Pin No.
ADM705
ADM707
ADM706
ADM708
Mnemonic
DIP, SOIC
DIP, SPOC
MicroSOIC
Function
MR
1
1
3
Manual Reset Input. When taken below 0.8 V, a RESET is gener-
ated.
MR can be driven from TTL, CMOS logic or from a manual
reset switch as it is internally debounced. An internal 250
µA pull-up
current holds the input high when floating.
VCC
2
2
4
5 V Power Supply Input.
GND
3
3
5
0 V. Ground reference for all signals.
PFI
4
4
6
Power-Fail Input. PFI is the noninverting input to the Power-Fail
Comparator. When PFI is less than 1.25 V,
PFO goes low. If unused,
PFI should be connected to GND or VCC.
PFO
5
5
7
Power-Fail Output.
PFO is the output from the Power-Fail Compara-
tor. It goes low when PFI is less than 1.25 V.
WDI
6
N/A
N/A
Watchdog Input. WDI is a three-level input. If WDI remains either
high or low for longer than the watchdog timeout period, the watch-
dog output
WDO goes low. The timer resets with each transition at
the WDI input.
Either a high-to-low or a low-to-high transition will clear the counter.
The internal timer is also cleared whenever reset is asserted. The
watchdog timer is disabled when WDI is left floating or connected to
a three-state buffer.
NC
N/A
6
8
No Connect.
RESET
7
7
1
Logic Output.
RESET goes low for 200 ms when triggered. It can be
triggered either by VCC being below the reset threshold or by a low
signal on the manual reset (
MR) input. RESET will remain low
whenever VCC is below the reset threshold (4.65 V in ADM705, 4.4 V
in ADM706). It remains low for 200 ms after VCC goes above the
reset threshold or
MR goes from low to high. A watchdog timeout
will not trigger
RESET unless WDO is connected to MR.
WDO
8
N/A
N/A
Logic Output. The Watchdog Output,
WDO, goes low if the internal
watchdog timer times out as a result of inactivity on the WDI input. It
remains low until the watchdog timer is cleared.
WDO also goes low
during low line conditions. Whenever VCC is below the reset threshold,
WDO remains low. As soon as V
CC goes above the reset threshold,
WDO goes high immediately.
RESET
N/A
8
2
Logic Output. RESET is an active high output suitable for systems
that use active high RESET logic. It is the inverse of
RESET.
PIN CONFIGURATION
DIP, SOIC
DIP, SOIC
MicroSOIC
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
ADM707/
ADM708
RESET
GND
PFI
PFO
NC
RESET
MR
VCC
8
7
6
5
1
2
3
4
TOP VIEW
(Not to Scale)
ADM705/
ADM706
MR
PFO
WDI
RESET
WDO
VCC
GND
PFI
8
7
6
5
1
2
3
4
TOP VIEW
(Not to Scale)
NC = NO CONNECT
ADM707/
ADM708
MR
PFO
NC
RESET
RESET
VCC
GND
PFI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com