Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM708ARM Datasheet(PDF) 2 Page - Analog Devices

Part # ADM708ARM
Description  Low Cost uP Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708ARM Datasheet(HTML) 2 Page - Analog Devices

  ADM708ARM Datasheet HTML 1Page - Analog Devices ADM708ARM Datasheet HTML 2Page - Analog Devices ADM708ARM Datasheet HTML 3Page - Analog Devices ADM708ARM Datasheet HTML 4Page - Analog Devices ADM708ARM Datasheet HTML 5Page - Analog Devices ADM708ARM Datasheet HTML 6Page - Analog Devices ADM708ARM Datasheet HTML 7Page - Analog Devices ADM708ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADM705–ADM708–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCC Operating Voltage Range
1.0
5.5
V
Supply Current
190
250
µA
Reset Threshold
4.5
4.65
4.75
V
ADM705, ADM707
4.25
4.40
4.50
V
ADM706, ADM708
Reset Threshold Hysteresis
40
mV
Reset Pulsewidth
160
200
280
ms
RESET Output Voltage
VCC – 1.5
V
ISOURCE = 800
µA
0.4
V
ISINK = 3.2 mA
0.3
V
VCC = 1 V, ISINK = 50
µA
0.3
V
VCC = 1.2 V, ISINK = 100
µA
RESET Output Voltage
VCC – 1.5
V
ADM707, ADM708, ISOURCE = 800
µA
0.4
V
ADM707, ADM708, ISINK = 1.2 mA
Watchdog Timeout Period (tWD)
1.00
1.60
2.25
sec
WDI Pulsewidth (tWP)50
ns
VIL = 0.4 V, VIH = VCC
×0.8
WDI Input Threshold
Logic Low
0.8
V
Logic High
3.5
V
WDI Input Current
50
150
µA
WDI = VCC
–150
–50
µA
WDI = 0 V
WDO Output Voltage
VCC – 1.5
V
ISOURCE = 800
µA
0.4
V
ISINK = 1.2 mA
MR Pull-Up Current
100
250
600
µA
MR = 0 V
MR Pulsewidth
150
ns
MR Input Threshold
0.8
V
2.0
V
MR to Reset Output Delay
250
ns
PFI Input Threshold
1.2
1.25
1.3
V
PFI Input Current
–25
0.01
25
nA
PFO Output Voltage
VCC – 1.5
V
ISOURCE = 800
µA
0.4
V
ISINK = 3.2 mA
Specifications subject to change without notice.
REV. B
–2–
(VCC = 4.75 V to 5.5 V, TA = TMIN to TMAX unless otherwise noted.)
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM705AN
–40
°C to +85°C
N-8
ADM705AR
–40
°C to +85°C
SO-8
ADM706AN
–40
°C to +85°C
N-8
ADM706AR
–40
°C to +85°C
SO-8
ADM707AN
–40
°C to +85°C
N-8
ADM707AR
–40
°C to +85°C
SO-8
ADM707ARM
–40
°C to +85°C
RM-8
ADM708AN
–40
°C to +85°C
N-8
ADM708AR
–40
°C to +85°C
SO-8
ADM708ARM
–40
°C to +85°C
RM-8
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
All Other Inputs . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Power Dissipation, N-8 DIP . . . . . . . . . . . . . . . . . . . . 727 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 135
°C/W
Power Dissipation, SO-8 SOIC . . . . . . . . . . . . . . . . . . 470 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 110°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >5 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods of time may affect device reliability



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com