Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7175 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7175
Description  The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7175 Datasheet HTML 1Page - Diodes Incorporated AP7175 Datasheet HTML 2Page - Diodes Incorporated AP7175 Datasheet HTML 3Page - Diodes Incorporated AP7175 Datasheet HTML 4Page - Diodes Incorporated AP7175 Datasheet HTML 5Page - Diodes Incorporated AP7175 Datasheet HTML 6Page - Diodes Incorporated AP7175 Datasheet HTML 7Page - Diodes Incorporated AP7175 Datasheet HTML 8Page - Diodes Incorporated AP7175 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP7175
Document number: DS35606 Rev. 3 - 2
5 of 14
www.diodes.com
December 2012
© Diodes Incorporated
AP7175
Electrical Characteristics (cont.)
(VCNTL = 5V, VIN = 1.8V, VOUT = 1.2V and TA = -40 to +85°C, @TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
AP7175
Unit
Min
Typ
Max
THERMAL CHARACTERISTIC
θJA
Thermal Resistance Junction-to-Ambient
SO-8EP (Note 6)
70
°C/W
MSOP-8EP (Note 7)
80
°C/W
θJC
Thermal Resistance Junction-to-Ambient
SO-8EP (Note 6)
30
°C/W
MSOP-8EP (Note 7)
30
°C/W
Notes:
6. Device mounted on 2"*2" FR-4 substrate PC board, 2oz copper, with minimum recommended pad on top layer and thermal vias to bottom layer ground
plane.
7. Device mounted on 2"*2" FR-4 substrate PC board, 2oz copper,with minimum recommended pad layout.
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com