Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7175 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP7175
Description  The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP7175 Datasheet HTML 6Page - Diodes Incorporated AP7175 Datasheet HTML 7Page - Diodes Incorporated AP7175 Datasheet HTML 8Page - Diodes Incorporated AP7175 Datasheet HTML 9Page - Diodes Incorporated AP7175 Datasheet HTML 10Page - Diodes Incorporated AP7175 Datasheet HTML 11Page - Diodes Incorporated AP7175 Datasheet HTML 12Page - Diodes Incorporated AP7175 Datasheet HTML 13Page - Diodes Incorporated AP7175 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP7175
Document number: DS35606 Rev. 3 - 2
13 of 14
www.diodes.com
December 2012
© Diodes Incorporated
AP7175
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1)
SO-8EP
(2)
MSOP-8EP
Dimensions
Value
(in mm)
C
1.270
X
0.802
X1
3.502
X2
4.612
Y
1.505
Y1
2.613
Y2
6.500
Dimensions
Value
(in mm)
C
0.650
G
0.450
X
0.450
X1
2.000
Y
1.350
Y1
1.700
Y2
5.300
G
X
C
Y
Y2
Y1
X1
C
Y1
X1
X
Y
Y2
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com