Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7175 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7175
Description  The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7175 Datasheet HTML 3Page - Diodes Incorporated AP7175 Datasheet HTML 4Page - Diodes Incorporated AP7175 Datasheet HTML 5Page - Diodes Incorporated AP7175 Datasheet HTML 6Page - Diodes Incorporated AP7175 Datasheet HTML 7Page - Diodes Incorporated AP7175 Datasheet HTML 8Page - Diodes Incorporated AP7175 Datasheet HTML 9Page - Diodes Incorporated AP7175 Datasheet HTML 10Page - Diodes Incorporated AP7175 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP7175
Document number: DS35606 Rev. 3 - 2
7 of 14
www.diodes.com
December 2012
© Diodes Incorporated
AP7175
Power On
COUT=10µF, CIN=10µF, RL=0.4Ω
CH1: VCNTL, 5V/Div, DC
CH2: VIN, 1V/Div, DC
CH3: VOUT, 1V/Div, DC
CH4: VPOK, 5V/Div, DC
TIME: 2ms/Div
VIN
VCNTL
VOUT
VPOK
Power Off
COUT=10µF, CIN=10µF, RL=0.4Ω
CH1: VCNTL, 5V/Div, DC
CH2: VIN, 1V/Div, DC
CH3: VOUT, 1V/Div, DC
CH4: VPOK, 5V/Div, DC
TIME: 2ms/Div
VIN
VCNTL
VOUT
VPOK
Load Transient Response
IOUT = 10mA to 3A to10mA (rise / fall time =1µs)
COUT = 10µF, CIN = 10µF
CH1: VOUT, 50mV/Div, AC
CH2: IOUT, 1A/Div, DC
TIME: 50µs/Div
VOUT
IOUT
Over Current Protection
COUT = 10µF, CIN = 10µF, IOUT = 2A to 5.6A
CH1: VOUT, 0.5V/Div, DC
CH2: IOUT, 2A/Div, DC
TIME: 0.2ms/Div
VOUT
IOUT
Operating Waveforms (@ VCNTL = 5V, VIN = 1.8V, VOUT = 1.2V, TA = +25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com