Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7175SP-13 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7175SP-13
Description  The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175SP-13 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7175SP-13 Datasheet HTML 6Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 7Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 8Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 9Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 10Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 11Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 12Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 13Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AP7175
Document number: DS35606 Rev. 3 - 2
12 of 14
www.diodes.com
December 2012
© Diodes Incorporated
AP7175
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(1)
SO-8EP
(2)
MSOP-8EP
SO-8EP (SOP-8L-EP)
Dim Min
Max
Typ
A
1.40 1.50 1.45
A1
0.00 0.13
-
b
0.30 0.50 0.40
C
0.15 0.25 0.20
D
4.85 4.95 4.90
E
3.80 3.90 3.85
E0
3.85 3.95 3.90
E1
5.90 6.10 6.00
e
-
-
1.27
F
2.75 3.35 3.05
H
2.11 2.71 2.41
L
0.62 0.82 0.72
N
-
-
0.35
Q
0.60 0.70 0.65
All Dimensions in mm
MSOP-8EP
Dim
Min
Max
Typ
A
-
1.10
-
A1
0.05
0.15
0.10
A2
0.75
0.95
0.86
A3
0.29
0.49
0.39
b
0.22
0.38
0.30
c
0.08
0.23
0.15
D
2.90
3.10
3.00
D1
1.60
2.00
1.80
E
4.70
5.10
4.90
E1
2.90
3.10
3.00
E2
1.30
1.70
1.50
E3
2.85
3.05
2.95
e
-
-
0.65
L
0.40
0.80
0.60
a
0°
8°
4°
x
-
-
0.750
y
-
-
0.750
All Dimensions in mm
Gauge Plane
Seating Plane
E1
E
N
e
b
A
45°
E0
H
F
Exposed Pad
Bottom View
L
Q
C
7°
4° ± 3°
9° (All sides)
A1
D
14
85
1
D
A
A1
A2
E
e
y
x
Seating Plane
Gauge Plane
L
D
8Xb
See Detail C
Detail C
c
E1
E3
A3
E2
4X
10°
4X
10°
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com